Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2102ALAFTK Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZL2102ALAFTK Datasheet HTML 29Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 30Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 31Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 32Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 33Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 34Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 35Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 36Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
ZL2102
FN8440 Rev 2.00
Page 33 of 58
November 20, 2014
UT_WARN_LIMIT (52h)
Definition: Sets the under-temperature warning alarm threshold. In response to the threshold being exceeded, the device:
• Sets the TEMPERATURE bit in STATUS_WORD,
•Sets the UT_WARNING bit in STATUS_TEMPERATURE, and
• Notifies the host by setting the SALRT pin.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: E4E0h (-50°C)
Units: Celsius
Equation: UT_WARN_LIMIT = Y×2N
Range: -55°C to +25°C
Reference: N/A
UT_FAULT_LIMIT (53h)
Definition: Sets the under-temperature fault threshold. Note that the temperature must rise above UT_WARN_LIMIT before the device
will automatically restart.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: E490h (-55°C)
Units: Celsius
Equation: UT_FAULT_LIMIT = Y×2N
Range: -55°C to +25°C
Reference: N/A
UT_FAULT_RESPONSE (54h)
Definition: Configures the under-temperature fault response. Only two settings are valid: 80h (immediate shutdown until commanded
to restart) and BFh (immediate shutdown, 250ms delay, and then automatic restart once the fault condition has cleared). The
temperature must rise above UT_WARN_LIMIT before the device will automatically restart.
Data Length in Bytes: 1
Data Format: BIT
Type: R/W
Default Value: BFh (Disable and retry continuously)
Units: N/A
Reference: N/A
COMMAND
UT_WARN_LIMIT (52h)
Format
Linear, two’s complement binary
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
1
11
00
100
11
10
000
0
COMMAND
UT_FAULT_LIMIT (53h)
Format
Linear, two’s complement binary
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
1
11
00
100
10
01
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com