Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2102ALAFTK Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2102ALAFTK Datasheet HTML 17Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 18Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 19Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 20Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 21Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 22Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 23Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 24Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
ZL2102
FN8440 Rev 2.00
Page 21 of 58
November 20, 2014
PMBus Data Formats
LINEAR-11 (L11)
L11 data format uses 5-bit two's compliment exponent (N) and 11-bit two's compliment mantissa (Y) to represent real world decimal
value (X).
Relation between real world decimal value (X), N and Y is: X = Y·2N
Linear-16 Unsigned (L16u)
L16u data format uses a fixed exponent (hardcode to N = -13) set by VOUT_MODE Command and 16-bit unsigned integer mantissa (Y)
to represent real world decimal value (X).
Relation between real world decimal value (X), N and Y is: X = Y·2-13
Bit Field (BIT)
Break down of Bit field is provided in “PMBus Command Summary” on page 19.
Custom (CUS)
Break down of Custom data format is provided in “PMBus Command Summary” on page 19. A combination of Bit field and integer are
common type of Custom data format.
ASCII (ASC)
A variable length string of text characters uses ASCII data format.
E0h
SEQUENCE
DDC rail sequencing configuration
R/W
CUS
Pin strap setting
E2h
DDC_GROUP
sets which rail DDC IDs are monitored for fault
spreading
R/W
BIT
00h
E4h
DEVICE_ID
Returns the device identifier string
Read
ASC
<part number/die
revision/firmware revision>
E5h
MFR_IOUT_OC_FAULT_RESPONSE Configures the IOUT overcurrent fault response R/W
BIT
BFh
Restart continuously
E6h
MFR_IOUT_UC_FAULT_RESPONSE Configures the IOUT undercurrent fault
response
R/W
BIT
BFh
Restart continuously
E7h
IOUT_AVG_OC_FAULT_LIMIT
Sets the IOUT average overcurrent fault
threshold
R/W
L11
CB99h 7.2A
E8h
IOUT_AVG_UC_FAULT_LIMIT
Sets the IOUT average undercurrent fault
threshold
R/W
L11
CC67h -7.2A
E9h
MISC_CONFIG
Sets options pertaining to advanced features
R/W
BIT
00h
EAh
SNAPSHOT
32-byte read-back of parametric and status
values
Read
BIT
EBh
BLANK_PARAMS
Indicates user saved parameter values
Read
BIT
F3h
SNAPSHOT_CONTROL
Snapshot feature control command
R/W
BIT
00h
F4h
RESTORE_FACTORY
Restores device to the hard-coded default
values and pin strap definitions
Write
N/A
PMBus Command Summary (Continued)
CODE
COMMAND NAME
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
DEFAULT SETTING
76 54 321 0
7 6 5 4 321 0
Data Byte High
Data Byte Low
Exponent (N)
Mantissa (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com