Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8801 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # ZL8801
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8801 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button ZL8801 Datasheet HTML 80Page - Renesas Technology Corp ZL8801 Datasheet HTML 81Page - Renesas Technology Corp ZL8801 Datasheet HTML 82Page - Renesas Technology Corp ZL8801 Datasheet HTML 83Page - Renesas Technology Corp ZL8801 Datasheet HTML 84Page - Renesas Technology Corp ZL8801 Datasheet HTML 85Page - Renesas Technology Corp ZL8801 Datasheet HTML 86Page - Renesas Technology Corp ZL8801 Datasheet HTML 87Page - Renesas Technology Corp ZL8801 Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
ZL8800
FN7558 Rev.6.00
Page 86 of 88
Nov 8, 2017
Firmware Revision History
FIRMWARE REVISION CODE
CHANGE DESCRIPTION
NOTE
1.06
Fix to start-up routine to improve SA pin read performance at cold
temperatures.
Improved fault retry performance.
Improved DDC compatibility with previous generations of Intersil
controllers and modules.
Addition of the LEGACY_FAULT_GROUP command to allow for fault
spreading over Intersil’s DDC bus with previous generation of
controllers and modules.
Defaults for IOUT_XXX and TOFF_FALL are fixed values; they are no
longer dependent on other command values.
Some command defaults may differ from 1.04 values by one bit.
TOFF_DELAY settings less than 0.5ms will set the device to
immediate off shutdown behavior.
INTERLEAVE default automatically phase spread in 2 channel
mode.
DDC_CONFIG default automatically sets group number.
Recommended for new designs
1.04
Initial release
Not recommended for new designs
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Nov 8, 2017
FN7558.6
Added an explanation of the EN0 and EN1 timing restrictions to “Enable Pin Operation and Timing” on
page 15.
Updated to the current Renesas format.
Aug 10, 2017
FN7558.5
In the Features section, updated the voltage range to “4.5V to 5.5V or 6.5V to 14V”
Updated application diagrams to show use of DRMOS devices.
Added a two phase schematic diagram with DrMOS.
Pin Description section
For the SCL and SDA pins, added “Requires a pull-up resistor to a 2.5V to 5.5V (recommend VR5, do not use
V25) source. Pull-up supply must be from an “always on” source or VR5.”
For the SALRT pin, added “Requires a pull-up resistor to a 2.5V to 5.5V (recommend VR5, do not use V25)
source. Leave floating if not used.”
For the SGND pin, added “All pin-strap resistors should be connected to SGND. SGND must be connected to
DGND and PGND using a single point connection.”
For the SA pin, added “Connect resistor to SGND.”
For VSET0, added “Default VOUT max is 115% of VOUT setting, but this can be overridden through the PMBus
interface with the VOUT_MAX command. Connect resistor to SGND.”
For VSET1, added “Default VOUT max is 115% of VOUT setting, but this can be overridden through the PMBus
interface with the VOUT_MAX command. Connect resistor to SGND. NOT USED IN 2-PHASE MODE. Leave
floating in 2-phase mode.”
For XTEMP0P, XTEMP0N, VTRKP, and VTRKN, added “If not used connect to SGND.”
For VDRV, VR6, and VR5, added “10µF recommended.”
For VSEN1N, added “in 2-channel or 2-phase mode.”
For VSEN1P, added “in 2-channel or 2-phase mode.”
In the Ordering Information table, added “Recommended for new designs” column.
For 4Bh IOUT_UC_FAULT_LIMIT, changed the default setting to “-20A”.
For 65h TOFF_FALL, changed the default setting to “5ms”.
For E7h IOUT_AVG_OC_FAULT_LIMIT, changed the default setting to “16A”.
For E8h IOUT_AVG_UC_FAULT_LIMIT, changed the default setting to “-16A”.
For 80h STATUS_MFR_SPECIFIC, reworded VMON_UV_WARNING and VMON_OV_WARNING for clarity.
In the Firmware Revision History, added some previously undocumented firmware changes to the 1.06
revision.
Added a recommendation for 10uF bypass capacitor on VR5, VR6, and VDRV.
Added a recommendation to pull-up DDC to VR5.
Corrected several PMBus command descriptions to show correct default value and Global or Paged
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com