Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8801 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL8801
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8801 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL8801 Datasheet HTML 7Page - Renesas Technology Corp ZL8801 Datasheet HTML 8Page - Renesas Technology Corp ZL8801 Datasheet HTML 9Page - Renesas Technology Corp ZL8801 Datasheet HTML 10Page - Renesas Technology Corp ZL8801 Datasheet HTML 11Page - Renesas Technology Corp ZL8801 Datasheet HTML 12Page - Renesas Technology Corp ZL8801 Datasheet HTML 13Page - Renesas Technology Corp ZL8801 Datasheet HTML 14Page - Renesas Technology Corp ZL8801 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
ZL8800
FN7558 Rev.6.00
Page 11 of 88
Nov 8, 2017
OUTPUT CURRENT
OUTPUT CURRENT-SENSE RESOLUTION
Low Range
±25mV full scale
-
37.5
-
µV
Medium Range
±35mV full scale
-
56.25
-
µV
High Range
±50mV full scale
-
75.0
-
µV
OUTPUT CURRENT-SENSE INPUT BIAS CURRENT
VOUT Referenced
ISENA0 or ISENA1
-100
-
100
nA
ISENB0 or ISENB1
-25
-
25
µA
OUTPUT CURRENT-SENSE MONITOR AND FAULT DETECTION
Output Current DCR Monitor Temperature
Compensation
Factory default
3900
ppm/°C
Configurable using PMBus
100
12700
ppm/°C
VMON BIAS MONITOR AND FAULT DETECTION
VMON UVLO Threshold Range
Using VMON pin with 16:1 resistor divider
2.85
-
5
V
VMON Accuracy (Note 14)
Full Scale (FS) = 1.15V
-2
-
2
% FS
VMON Resolution
Full Scale (FS) = 1.15V
-
±0.15
-
% FS
VMON UV/OV Fault Response Delay
-
200
-
µs
TEMPERATURE SENSING
INTERNAL TEMPERATURE SENSOR
Internal Temperature Accuracy
Tested at +100°C
-5
–
5
°C
Internal Temperature Resolution
-1
-
°C
Thermal Protection Threshold
(Junction Temperature)
Factory default
-
125
-
°C
Configurable using PMBus
-40
–
125
°C
Thermal Protection Hysteresis
-15
-
°C
EXTERNAL TEMPERATURE SENSOR: XTEMP0 and XTEMP1
External Temperature Accuracy
Filter capacitance <100pF
-
±5
-
°C
External Temperature Resolution
-1
-
°C
Thermal Protection Threshold
Factory default
-
125
-
°C
Configurable using PMBus
-40
–
125
°C
Thermal Protection Hysteresis
-15
-
°C
NOTES:
10. Output current is limited by device thermal dissipation.
11. Percentage of Full Scale (FS) with temperature compensation applied.
12. VOUT measured at the termination of the VSENxP and VSENxN sense points.
13. For operation at 400kHz, see PMBus Power System Management Protocol Specification Part 1, Section 5.2.6.2 for timing parameter limits.
14. Does not include errors due to resistor divider tolerances.
15. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
16. Only one output voltage can track the VTRK input: Channel 0, Channel 1, or the output of a 2-phase configuration.
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com