Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8801 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL8801
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8801 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL8801 Datasheet HTML 17Page - Renesas Technology Corp ZL8801 Datasheet HTML 18Page - Renesas Technology Corp ZL8801 Datasheet HTML 19Page - Renesas Technology Corp ZL8801 Datasheet HTML 20Page - Renesas Technology Corp ZL8801 Datasheet HTML 21Page - Renesas Technology Corp ZL8801 Datasheet HTML 22Page - Renesas Technology Corp ZL8801 Datasheet HTML 23Page - Renesas Technology Corp ZL8801 Datasheet HTML 24Page - Renesas Technology Corp ZL8801 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
ZL8800
FN7558 Rev.6.00
Page 21 of 88
Nov 8, 2017
close to the inductor. These options for the external temperature
sensors are selected using the USER_CONFIG PMBus command.
Nonvolatile Memory and Security Features
The ZL8800 has internal nonvolatile memory that stores user
configurations. Integrated security measures ensure that the
user can only restore the device to a level that has been made
available to them. During the initialization process, the ZL8800
checks for stored values contained in its internal non-volatile
memory. The ZL8800 offers two internal memory storage units
that are accessible by the user as follows:
• Default Store: A power supply module manufacturer may want
to protect the module from damage by preventing the user
from being able to modify certain values that are related to the
physical construction of the module. In this case, the module
manufacturer would use the Default Store and would allow the
user to restore the device to its default setting but would
restrict the user from restoring the device to the factory
settings.
• User Store: The manufacturer of a piece of equipment may
want to provide the ability to modify certain power supply
settings while still protecting the equipment from modifying
values that can lead to a system level fault. The equipment
manufacturer would use the User Store to achieve this goal.
The User Store takes priority over the Default Store. If there are
no values set in the User or Default Store, the device will use the
pin-strap setting value.
DC/DC Converter Design
The ZL8800 operates as a voltage-mode, synchronous buck
converter with a selectable constant frequency pulse width
modulator (PWM) control scheme that uses external driver,
MOSFETs, capacitors, and an inductor to perform power
conversion.
Figure 12 illustrates the basic synchronous buck converter
topology showing the primary power train components. This
converter is also called a step-down converter, as the output
voltage must always be lower than the input voltage.
DUAL OUTPUT PWM PER CHANNEL
The ZL8800 has been designed to provide independent upper
and lower FET drive signals to a two-input MOSFET driver such as
the ZL1505.
The ZL8800 uses adaptive dead time control to improve the power
conversion efficiency. The ZL8800 monitors the power converter’s
operating conditions and continuously adjusts the turn-on and
turn-off timing of the high-side and low-side driver input signals to
optimize the overall efficiency of the power supply.
The ZL8800 can also be used with single-ended DrMOS
integrated driver and MOSFET devices. Power supplies using
DrMOS devices can be made smaller than discrete solutions
using separate drivers and MOSFETs, but at a slightly lower
efficiency. The option to use DrMOS or drivers and discrete
MOSFETs is set using the USER_CONFIG command.
Power Train Component Selection
The ZL8800 is a dual output or dual phase synchronous buck
converter that uses external drivers, MOSFETs, inductors, and
capacitors to perform the power conversion process. The proper
selection of the external components is critical for optimized
performance.
To select the appropriate external components for the desired
performance goals, the power supply requirements listed in
Table 8 must be known.
ZL
XTEMPxN
XTEMPxP
Discrete NPN
2N3904
ZL
XTEMPxN
XTEMPxP
Embedded Thermal Diode
µP
FPGA
DSP
ASIC
100 pF
100pF
FIGURE 11. EXTERNAL TEMPERATURE MONITORING
TABLE 8. POWER SUPPLY REQUIREMENTS
PARAMETER
EXAMPLE VALUE
Input Voltage (VIN)12V
Output Voltage (VOUT)1.2V
Output Current (IOUT)
30A
Output Voltage Ripple (Vorip)1% of VOUT
Output Load Step (Iostep)
50% of Io
Output Load Step Rate
10A/µs
Output Deviation Due to Load Step
±2%
Maximum PCB Temperature
85°C
Desired Efficiency
90%
Other Considerations
Optimize for small size
VOUT
ZL8800
VIN
L
C
QH
QL
FIGURE 12. SYNCHRONOUS BUCK CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com