Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLC-RSC-24DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-24DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
https://www.phoenixcontact.com/us/products/2902955
09/06/2016   Page 3 / 11
Relay Module - PLC-RSC- 24DC/21 ATEX - 2902955
Technical data
General
Standards/regulations
IEC 60664
EN 50178
IEC 62103
EN 60079-0
EN 60079-15
Degree of pollution
2
2 (EN 60664-1)
Overvoltage category
III
ATEX
DEMKO 11 ATEX 1111531U
 II 3 G Ex nA nC IIC Gc
UL, USA
Class I, Zone 2, AEx nA nC IIC T6
UL, USA/Canada
Class I, Div. 2, Groups A, B, C, D
UL, Canada
Class I, Zone 2, Ex nA nC IIC Gc T6 X
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Standards and Regulations
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
IEC 62103



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com