Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLC-RSC-24DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSC-24DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-24DC Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
https://www.phoenixcontact.com/us/products/2902955
09/06/2016   Page 2 / 11
Relay Module - PLC-RSC- 24DC/21 ATEX - 2902955
Technical data
Coil side
Typical response time
5 ms
Typical release time
8 ms
Protective circuit
Reverse polarity protection Polarity protection diode
Free-wheeling diode Damping diode
Operating voltage display
Yellow LED
Power dissipation for nominal condition
0.2 W
Contact side
Contact type
1 PDT
Type of switch contact
Single contact
Contact material
AgSnO
Maximum switching voltage
250 V AC/DC (The separating plate PLC-ATP should be installed for
voltages larger than 250 V (L1, L2, L3) between identical terminal blocks in
adjacent modules. Potential bridging is then carried out with FBST 8-PLC...
or ...FBST 500...)
Minimum switching voltage
5 V (at 100 mA)
Min. switching current
10 mA (at 12 V)
Maximum inrush current
10 A (4 s)
Limiting continuous current
6 A
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
20 W (at 48 V DC)
18 W (at 60 V DC)
23 W (at 110 V DC)
40 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 110 V, DC13)
0.1 A (at 220 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 230 V, AC15)
General
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
Mechanical service life
2 x 107 cycles
Flammability rating according to UL 94
V0
Designation
Standards/regulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com