Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR8760 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M36LLR8760
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760 Datasheet(HTML) 1 Page - STMicroelectronics

  M36LLR8760 Datasheet HTML 1Page - STMicroelectronics M36LLR8760 Datasheet HTML 2Page - STMicroelectronics M36LLR8760 Datasheet HTML 3Page - STMicroelectronics M36LLR8760 Datasheet HTML 4Page - STMicroelectronics M36LLR8760 Datasheet HTML 5Page - STMicroelectronics M36LLR8760 Datasheet HTML 6Page - STMicroelectronics M36LLR8760 Datasheet HTML 7Page - STMicroelectronics M36LLR8760 Datasheet HTML 8Page - STMicroelectronics M36LLR8760 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
December 2004
M36L0R7050T0
M36L0R7050B0
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory
32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
FEATURES SUMMARY
MULTI-CHIP PACKAGE
1 die of 128 Mbit (8Mb x16, Multiple Bank,
Multi-level, Burst) Flash Memory
1 die of 32 Mbit (2Mb x16) Asynchronous
Pseudo SRAM
SUPPLY VOLTAGE
–VDDF = VDDP = VDDQ = 1.7 to 1.95V
–VPPF = 9V for fast program (12V tolerant)
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Code (Top Flash Configuration)
M36L0R7050T0: 88C4h
Device Code (Bottom Flash
Configuration) M36L0R7050B0: 88C5h
PACKAGE
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
FLASH MEMORY
SYNCHRONOUS / ASYNCHRONOUS READ
Synchronous Burst Read mode: 54MHz
Asynchronous Page Read mode
Random Access: 85ns
SYNCHRONOUS BURST READ SUSPEND
PROGRAMMING TIME
10µs typical Word program time using
Buffer Program
MEMORY ORGANIZATION
Multiple Bank Memory Array: 8 Mbit
Banks
Parameter Blocks (Top or Bottom
location)
DUAL OPERATIONS
program/erase in one Bank while read in
others
No delay between read and write
operations
SECURITY
64 bit unique device number
2112 bit user programmable OTP Cells
Figure 1. Package
BLOCK LOCKING
All blocks locked at power-up
Any combination of blocks can be locked
with zero latency
–WPF for Block Lock-Down
Absolute Write Protection with VPPF = VSS
COMMON FLASH INTERFACE (CFI)
100,000 PROGRAM/ERASE CYCLES per
BLOCK
PSRAM
ACCESS TIME: 85ns
LOW STANDBY CURRENT: 100µA
DEEP POWER-DOWN CURRENT: 10µA
BYTE CONTROL: UBP/LBP
PROGRAMMABLE PARTIAL ARRAY
8 WORD PAGE ACCESS CAPABILITY: 25ns
PARTIAL POWER-DOWN MODES
Deep Power-Down
4 Mbit Partial Power-Down
8 Mbit Partial Power-Down
16 Mbit Partial Power-Down
TFBGA88 (ZAQ)
8 x 10mm
FBGA


Similar Part No. - M36LLR8760

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36LLR8760B1 STMICROELECTRONICS-M36LLR8760B1 Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
M36LLR8760D STMICROELECTRONICS-M36LLR8760D Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
M36LLR8760D1 STMICROELECTRONICS-M36LLR8760D1 Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
M36LLR8760DF STMICROELECTRONICS-M36LLR8760DF Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
M36LLR8760M STMICROELECTRONICS-M36LLR8760M Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
More results

Similar Description - M36LLR8760

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
13-Jul-2005
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
06-Dec-2004
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com