Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP236A2DBZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236A2DBZR
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236A2DBZR Datasheet(HTML) 3 Page - Texas Instruments

  TMP236A2DBZR Datasheet HTML 1Page - Texas Instruments TMP236A2DBZR Datasheet HTML 2Page - Texas Instruments TMP236A2DBZR Datasheet HTML 3Page - Texas Instruments TMP236A2DBZR Datasheet HTML 4Page - Texas Instruments TMP236A2DBZR Datasheet HTML 5Page - Texas Instruments TMP236A2DBZR Datasheet HTML 6Page - Texas Instruments TMP236A2DBZR Datasheet HTML 7Page - Texas Instruments TMP236A2DBZR Datasheet HTML 8Page - Texas Instruments TMP236A2DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
NC
2
GND
3
VOUT
4
VDD
5
NC
Not to scale
1
VDD
2
VOUT
3
GND
Not to scale
3
TMP235, TMP236
www.ti.com
SBOS857D – SEPTEMBER 2017 – REVISED AUGUST 2018
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
NC- no internal connection
Pin Functions
NAME
PIN
TYPE
DESCRIPTION
SOT-23
SC70
GND
3
2
Ground
Power supply ground
NC
—
5
—
No internal connection. This pin may be left floating or connected to GND.
NC
—
1
—
No internal connection. This pin may be left floating or connected to GND.
VOUT
2
3
O
Outputs voltage proportional to temperature
VDD
1
4
I
Positive supply input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com