Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP236A2DBZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236A2DBZR
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236A2DBZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP236A2DBZR Datasheet HTML 4Page - Texas Instruments TMP236A2DBZR Datasheet HTML 5Page - Texas Instruments TMP236A2DBZR Datasheet HTML 6Page - Texas Instruments TMP236A2DBZR Datasheet HTML 7Page - Texas Instruments TMP236A2DBZR Datasheet HTML 8Page - Texas Instruments TMP236A2DBZR Datasheet HTML 9Page - Texas Instruments TMP236A2DBZR Datasheet HTML 10Page - Texas Instruments TMP236A2DBZR Datasheet HTML 11Page - Texas Instruments TMP236A2DBZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
GND
VOUT
VDD
Thermal Diodes
8
TMP235, TMP236
SBOS857D – SEPTEMBER 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP23x devices are a family of linear analog temperature sensors with a output voltage proportional to
temperature. These temperature sensors have an accuracy from 0°C to 70°C of ±1.25°C (TMP23xA2) and ±2°C
(TMP23xA4). The TMP235 device provides a positive slope output of 10 mV/°C over the full –40°C to +150°C
temperature range and a supply range from 2.3 V to 5.5 V. The higher gain TMP236 sensor provides a positive
slope output of 19.5 mV/°C from –10°C to +125°C and a supply range from 3.1 V to 5.5 V. A class-AB output
driver provides a maximum output of 500 µA to drive capacitive loads up to 1000 pF.
7.2 Functional Block Diagram
7.3 Feature Description
As shown in Figure 3, the TMP23x devices are linear; however, a small VOUT gain shift is present at
temperatures above 100°C. When small shifts are expected, a piecewise linear function provides the best
accuracy and is used for the device accuracy specifications (see Specifications.). Typical output voltages of the
TMP23x devices across the full operating temperature range are listed in Table 3 and Table 4. The ideal linear
columns represent the ideal linear VOUT output response with respect to temperature while the piecewise linear
columns indicate the small voltage shift at elevated temperatures.
The piecewise linear function uses three temperature ranges listed in Table 1 and Table 2. In equation form, the
voltage output VOUT of the TMP23x is calculated by Equation 1:
VOUT = (TA – TINFL) × TC + VOFFS
where
•
VOUT is the TMP23x voltage output for a given temperature
•
TA is the ambient temperature in °C
•
TINFL is the temperature inflection point for a piecewise segment in °C
•
TC is the TMP23x temperature coefficient or gain
•
VOFFS is the TMP23x voltage offset
(1)
Therefore, the TA temperature for a given VOUT voltage output within a piecewise voltage range (VRANGE) is
calculated using Equation 2. For applications where the accuracy enhancement above 100°C is not required, use
the first row of Table 1 and Table 2 for all voltages.
TA = (VOUT – VOFFS ) / TC + TINFL
(2)
Table 1. TMP235 Piecewise Linear Function Summary
TA RANGE
(°C)
VRANGE (mV)
TINFL (°C)
TC (mV/°C)
VOFFS (mV)
–40 to +100
< 1500
0
10
500
100 to 125
1500 to 1752.5
100
10.1
1500
125 to 150
> 1752.5
125
10.6
1752.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com