Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP236A2DBZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236A2DBZR
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236A2DBZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP236A2DBZR Datasheet HTML 2Page - Texas Instruments TMP236A2DBZR Datasheet HTML 3Page - Texas Instruments TMP236A2DBZR Datasheet HTML 4Page - Texas Instruments TMP236A2DBZR Datasheet HTML 5Page - Texas Instruments TMP236A2DBZR Datasheet HTML 6Page - Texas Instruments TMP236A2DBZR Datasheet HTML 7Page - Texas Instruments TMP236A2DBZR Datasheet HTML 8Page - Texas Instruments TMP236A2DBZR Datasheet HTML 9Page - Texas Instruments TMP236A2DBZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TA (qC)
-50
-25
0
25
50
75
100
125
150
6
8
10
12
14
D005
VDD = 2.3 V
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
3.5
D006
IOUT = 500 PA
IOUT = 400 uA
IOUT = 300 uA
IOUT = 200 uA
IOUT = 100 uA
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
D003
TMP235
TMP236
TA (qC)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.05
0
0.05
0.1
D004
VDD = 2.3 V
VDD = 5.5 V
TA (qC)
-50
-25
0
25
50
75
100
125
150
-6
-4
-2
0
2
4
6
D001
D001
Average
Avg r3V
Limits
TA (qC)
-50
-25
0
25
50
75
100
125
150
-6
-4
-2
0
2
4
6
D002
Average
Avg r3V
Limits
6
TMP235, TMP236
SBOS857D – SEPTEMBER 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, (unless otherwise noted)
TMP235: VDD = 2.3 to 5.5 V, IOUT = 0 µA, CLOAD = 1000 pF
Figure 1. Accuracy vs. TA Temperature (A2 Accuracy Level)
TMP235: VDD = 2.3 to 5.5 V, IOUT = 0 µA, CLOAD = 1000 pF
Figure 2. Accuracy vs. TA Temperature (A4 Accuracy Level)
IOUT = 0 µA, CLOAD = 1000 pF
Figure 3. Output Voltage vs. Ambient Temperature
TMP235: IOUT = from 0 µA to 100 µA, CLOAD = 1000 pF
Figure 4. Changes in Accuracy vs. Ambient Temperature
(Due to Load)
TMP235: IOUT = 0 µA, CLOAD = 1000 pF
Figure 5. Supply Current vs. Temperature
TMP235: VDD = 2.3 V, CLOAD = 1000 pF
Figure 6. Load Regulation vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com