Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLY3-OSSD2 Datasheet(PDF) 2 Page - SICK AG

Part # RLY3-OSSD2
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RLY3-OSSD2 Datasheet(HTML) 2 Page - SICK AG

  RLY3-OSSD2 Datasheet HTML 1Page - SICK AG RLY3-OSSD2 Datasheet HTML 2Page - SICK AG RLY3-OSSD2 Datasheet HTML 3Page - SICK AG RLY3-OSSD2 Datasheet HTML 4Page - SICK AG RLY3-OSSD2 Datasheet HTML 5Page - SICK AG RLY3-OSSD2 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RLY3-OSSD2 | ReLy
SAFETY RELAYS
Illustration may differ
Ordering information
Type
Part no.
RLY3-OSSD2
1085344
Other models and accessories
www.sick.com/ReLy
Detailed technical data
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (IEC 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
B10d parameter
3 x 105 switching operations (AC-15, 230 V, I = 1 A), 9 x 104 switching operations (AC-15,
230 V, I = 5 A), 2 x 105 switching operations (DC-13, 24 V, I = 1 A), 6 x 104 switching opera-
tions (DC-13, 24 V, I = 5 A)
PFHD (mean probability of a dangerous fail-
ure per hour)
1,0 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Functions
Sensor monitoring
Discrepancy monitoring
Sequence monitoring
Reset
Automatic
Manual
Interfaces
Connection type
Plug-in spring terminals
Number of enable current (N/O) contacts
2, relevant for safety
Electrical data
Operating data
Voltage supply
PELV or SELV
Supply voltage VS
24 V DC (16.8 V DC ... 30 V DC)
Residual ripple
≤ 2.4 Vpp 1)
Power consumption (input circuits)
≤ 1.3 W
Overvoltage category
III
1) In DC operation, within the limits of VS.
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-11 15:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com