Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLY3-OSSD2 Datasheet(PDF) 4 Page - SICK AG

Part # RLY3-OSSD2
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RLY3-OSSD2 Datasheet(HTML) 4 Page - SICK AG

  RLY3-OSSD2 Datasheet HTML 1Page - SICK AG RLY3-OSSD2 Datasheet HTML 2Page - SICK AG RLY3-OSSD2 Datasheet HTML 3Page - SICK AG RLY3-OSSD2 Datasheet HTML 4Page - SICK AG RLY3-OSSD2 Datasheet HTML 5Page - SICK AG RLY3-OSSD2 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RLY3-OSSD2 | ReLy
SAFETY RELAYS
Dimensional drawing (Dimensions in mm (inch))
ReLy
64.4
(2.53)
120.7
(4.75)
124.6
(4.91)
128.3
(5.05)
Connection diagram
RLY3-OSSD2 at safety light curtain with manual reset and external device monitoring
RLY3-OSSD2
Y1
I1
23
13
Y2
I2
24
14
A2
K2
K1
SI
SI
L+
L–
24 V
0 V
OSSD
A1
S1
R1
k2
k1
RES
RES
OSSD
24 V
4
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-11 15:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com