Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLY3-OSSD2 Datasheet(PDF) 3 Page - SICK AG

Part # RLY3-OSSD2
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RLY3-OSSD2 Datasheet(HTML) 3 Page - SICK AG

  RLY3-OSSD2 Datasheet HTML 1Page - SICK AG RLY3-OSSD2 Datasheet HTML 2Page - SICK AG RLY3-OSSD2 Datasheet HTML 3Page - SICK AG RLY3-OSSD2 Datasheet HTML 4Page - SICK AG RLY3-OSSD2 Datasheet HTML 5Page - SICK AG RLY3-OSSD2 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RLY3-OSSD2 | ReLy
SAFETY RELAYS
Rated impulse withstand voltage Uimp
6 kV (EN 60664-1)
1) In DC operation, within the limits of VS.
Input circuits
Input voltage
HIGH 24 V DC (11 V DC ... 30 V DC)
LOW –3 V DC ... 5 V DC
Input current
4 mA ... 6 mA
Test pulse width
≤ 1 ms
Test frequency
≤ 10 Hz
Control outputs
Type of output
PNP semiconductor, short-circuit protected
Test period
40 ms
Output circuits
Type of output
PNP semiconductors, short-circuit protected
Output current
≤ 120 mA
Electrical output circuits
Typical response time
10 ms
Contact material
Silver alloy, gold flashed
Enable current contacts
Switching voltage 10 V DC ... 250 V DC
Current-carrying capacity per OSSD 10 mA ... 6 A
Total current
≤ 12 A
Mechanical life
10 x 106 switching operations
Mechanical data
Dimensions (W x H x D)
18 mm x 124.6 mm x 85.5 mm
Weight
130 g
Ambient data
Enclosure rating
IP20 (EN 60529)
Classifications
ECl@ss 5.0
27371990
ECl@ss 5.1.4
27371990
ECl@ss 6.0
27371819
ECl@ss 6.2
27371819
ECl@ss 7.0
27371819
ECl@ss 8.0
27371819
ECl@ss 8.1
27371819
ECl@ss 9.0
27371819
ETIM 5.0
EC001449
ETIM 6.0
EC001449
UNSPSC 16.0901
41113704
2018-09-11 15:13:28 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com