Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994IQT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4994IQT
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IQT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4994IQT Datasheet HTML 12Page - STMicroelectronics TS4994IQT Datasheet HTML 13Page - STMicroelectronics TS4994IQT Datasheet HTML 14Page - STMicroelectronics TS4994IQT Datasheet HTML 15Page - STMicroelectronics TS4994IQT Datasheet HTML 16Page - STMicroelectronics TS4994IQT Datasheet HTML 17Page - STMicroelectronics TS4994IQT Datasheet HTML 18Page - STMicroelectronics TS4994IQT Datasheet HTML 19Page - STMicroelectronics TS4994IQT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TS4994
Electrical Characteristics
16/31
Figure 57. THD+N vs. output power
Figure 58. THD+N vs. output power
Figure 59. THD+N vs. output power
Figure 60. THD+N vs. output power
Figure 61. THD+N vs. frequency
Figure 62. THD+N vs. frequency
1E-3
0.01
0.1
1
0.01
0.1
1
10
F=20kHz
F=20Hz
F=1kHz
RL = 8
Ω
Vcc = 5V
Av = 1
Cb = 0
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
F=20kHz
F=20Hz
F=1kHz
RL = 8
Ω
Vcc = 2.6V
Av = 1, Cb = 0
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1
1E-3
0.01
0.1
1
10
F=20kHz
F=20Hz
F=1kHz
RL = 16
Ω
Vcc = 5V
Av = 1, Cb = 0
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
F=20kHz
F=20Hz
F=1kHz
RL = 16
Ω
Vcc = 2.6V
Av = 1, Cb = 0
BW < 125kHz
Tamb = 25
°C
Output Power (W)
100
1000
10000
1E-3
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=5V, Po=850mW
RL = 8
Ω
Av = 1
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
1E-3
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=5V, Po=850mW
RL = 8
Ω
Av = 1
Cb = 0
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com