Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994IQT Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4994IQT
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IQT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4994IQT Datasheet HTML 22Page - STMicroelectronics TS4994IQT Datasheet HTML 23Page - STMicroelectronics TS4994IQT Datasheet HTML 24Page - STMicroelectronics TS4994IQT Datasheet HTML 25Page - STMicroelectronics TS4994IQT Datasheet HTML 26Page - STMicroelectronics TS4994IQT Datasheet HTML 27Page - STMicroelectronics TS4994IQT Datasheet HTML 28Page - STMicroelectronics TS4994IQT Datasheet HTML 29Page - STMicroelectronics TS4994IQT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TS4994
Application Information
26/31
4.10 Pop performance
In theory, due to a fully differential structure, the pop performance of the TS4994 should be perfect.
However, due to Rin, Rfeed, and Cin mismatching, some noise could remain at startup. In TS4994 we
included a pop reduction circuitry reach the pop that is theoretical with mismatched components. With this
circuitry, the TS4994 is close to zero pop for all common applications possible.
In addition, when the TS4994 is set in standby, due to the high impedance output stage configuration in
this mode, no pop is possible.
4.11 Single ended input configuration
It’s possible to use the TS4994 in a single-ended input configuration. However, input coupling capacitors
areneeded in this configuration. The schematic in Figure 79 shows this configuration using the miniSO8
version of the TS4994 as example.
Figure 79. Single ended input typical application
The components calculations remain the same except for the gain. The new formula is:
Rfeed1
20k
Rin1
20k
Rin2
20k
Rfeed2
20k
Cin1
220nF
Cin2
220nF
Cb
1u
Cs
1u
GND
GND
GND
Ve
GND
GND VCC
VCC
Optional
8 Ohms
Bias
Vin-
Vin+
Bypass
Standby
VCC
GND
Vo-
Vo+
+
-
2
4
7
8
6
3
5
1
Stdby
TS4994IS
in
feed
O
O
SE
R
R
Ve
V
V
Av
=
−
=
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com