Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994IQT Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4994IQT
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IQT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4994IQT Datasheet HTML 20Page - STMicroelectronics TS4994IQT Datasheet HTML 21Page - STMicroelectronics TS4994IQT Datasheet HTML 22Page - STMicroelectronics TS4994IQT Datasheet HTML 23Page - STMicroelectronics TS4994IQT Datasheet HTML 24Page - STMicroelectronics TS4994IQT Datasheet HTML 25Page - STMicroelectronics TS4994IQT Datasheet HTML 26Page - STMicroelectronics TS4994IQT Datasheet HTML 27Page - STMicroelectronics TS4994IQT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TS4994
Application Information
24/31
4.6 Power dissipation and efficiency
Assumptions:
l Load voltage and current are sinusoidal (Vout and Iout)
l Supply voltage is a pure DC source (Vcc)
Regarding the load we have:
and
and
Therefore, the average current delivered by the supply voltage is:
The power delivered by the supply voltage is:
Psupply = Vcc IccAVG (W)
Then, the power dissipated by each amplifier is
Pdiss = Psupply - Pout (W)
and the maximum value is obtained when:
and its value is:
Note:
This maximum value is only dependent on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply
The maximum theoretical value is reached when Vpeak = Vcc, so
V
out = V PEAK sinω t (V)
I
out =
V
out
R L
-------------- (A)
P
out =
VPE AK
2
2RL
---------------------- (W)
ICC
AVG
= 2
VPEAK
πRL
-------------------- (A)
P
diss
22V
CC
π R
L
------------------------ P
out Pou t
–
=
∂Pdiss
∂P
out
---------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η =
P
out
P
supply
--------------------- = π
VPEAK
4VCC
-----------------------
π
4
----- = 78.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com