Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS77C1001 Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 30Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 33Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
29
12. CONFIGURATION AREA
The device configuration area can be programmed or left
unprogrammed to select device configurations such as os-
cillator type, security bit or watchdog timer enable bit.
Four memory locations [AAAH ~ (AAA+3)H] are desig-
nated as customer ID recording locations where the user
can store check-sum or other customer identification num-
bers. These area are not accessible during normal execu-
tion but are readable and writable during program/verify
mode. It is recommended that only the 4 least significant
bits of ID recording locations are used.
FIGURE 12-1 DEVICE CONFIGURATION AREA
bit0
3
-
ID0
bit11
4
-
ID1
-
ID2
-
ID3
AAAH
AAAH+1
AAAH+2
AAAH+3
Configuration Word
FFFH
FIGURE 12-2 CONFIGURATION WORD FOR GMS77C1000/1001
bit11
bit0
4
321
bit 3
CP : Code protection bit.
1 = Code protection disabled
0 = Code protection enabled
bit 2
WDTE: Watchdog timer enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator selection bits
11 = RC oscillator
10 = HF oscillator
01 = XT oscillator
00 = LF oscillator
Address : FFFH
CP
WDTE FOSC1 FOSC0
-
Unimplemented, read as ‘0’
Configuration Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com