Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0 Datasheet(PDF) 26 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 26 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 22Page - SPANSION S71PL129JC0 Datasheet HTML 23Page - SPANSION S71PL129JC0 Datasheet HTML 24Page - SPANSION S71PL129JC0 Datasheet HTML 25Page - SPANSION S71PL129JC0 Datasheet HTML 26Page - SPANSION S71PL129JC0 Datasheet HTML 27Page - SPANSION S71PL129JC0 Datasheet HTML 28Page - SPANSION S71PL129JC0 Datasheet HTML 29Page - SPANSION S71PL129JC0 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 149 page
background image
26
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
SA1-127
0
1
1111000XXX
32
3C0000h–3C7FFFh
SA1-128
0
1
1111001XXX
32
3C8000h–3CFFFFh
SA1-129
0
1
1111010XXX
32
3D0000h–3D7FFFh
SA1-130
0
1
1111011XXX
32
3D8000h–3DFFFFh
SA1-131
0
1
1111100XXX
32
3E0000h–3E7FFFh
SA1-132
0
1
1111101XXX
32
3E8000h–3EFFFFh
SA1-133
0
1
1111110XXX
32
3F0000h–3F7FFFh
SA1-134
0
1
1111111XXX
32
3F8000h–3FFFFFh
SA2-0
1
0
0000000XXX
32
000000h–007FFFh
SA2-1
1
0
0000001XXX
32
008000h–00FFFFh
SA2-2
1
0
0000010XXX
32
010000h–017FFFh
SA2-3
1
0
0000011XXX
32
018000h–01FFFFh
SA2-4
1
0
0000100XXX
32
020000h–027FFFh
SA2-5
1
0
0000101XXX
32
028000h–02FFFFh
SA2-6
1
0
0000110XXX
32
030000h–037FFFh
SA2-7
1
0
0000111XXX
32
038000h–03FFFFh
SA2-8
1
0
0001000XXX
32
040000h–047FFFh
SA2-9
1
0
0001001XXX
32
048000h–04FFFFh
SA2-10
1
0
0001010XXX
32
050000h–057FFFh
SA2-11
1
0
0001011XXX
32
058000h–05FFFFh
SA2-12
1
0
0001100XXX
32
060000h–067FFFh
SA2-13
1
0
0001101XXX
32
068000h–06FFFFh
SA2-14
1
0
0001110XXX
32
070000h–077FFFh
SA2-15
1
0
0001111XXX
32
078000h–07FFFFh
SA2-16
1
0
0010000XXX
32
080000h–087FFFh
SA2-17
1
0
0010001XXX
32
088000h–08FFFFh
SA2-18
1
0
0010010XXX
32
090000h–097FFFh
SA2-19
1
0
0010011XXX
32
098000h–09FFFFh
SA2-20
1
0
0010100XXX
32
0A0000h–0A7FFFh
SA2-21
1
0
0010101XXX
32
0A8000h–0AFFFFh
SA2-22
1
0
0010110XXX
32
0B0000h–0B7FFFh
SA2-23
1
0
0010111XXX
32
0B8000h–0BFFFFh
SA2-24
1
0
0011000XXX
32
0C0000h–0C7FFFh
SA2-25
1
0
0011001XXX
32
0C8000h–0CFFFFh
SA2-26
1
0
0011010XXX
32
0D0000h–0D7FFFh
SA2-27
1
0
0011011XXX
32
0D8000h–0DFFFFh
SA2-28
1
0
0011100XXX
32
0E0000h–0E7FFFh
SA2-29
1
0
0011101XXX
32
0E8000h–0EFFFFh
SA2-30
1
0
0011110XXX
32
0F0000h–0F7FFFh
SA2-31
1
0
0011111XXX
32
0F8000h–0FFFFFh
SA2-32
1
0
0100000XXX
32
100000h–107FFFh
SA2-33
1
0
0100001XXX
32
108000h–10FFFFh
SA2-34
1
0
0100010XXX
32
110000h–117FFFh
SA2-35
1
0
0100011XXX
32
118000h–11FFFFh
Table 3. S29PL129J Sector Architecture (Sheet 4 of 7)
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com