Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0 Datasheet(PDF) 81 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 81 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 77Page - SPANSION S71PL129JC0 Datasheet HTML 78Page - SPANSION S71PL129JC0 Datasheet HTML 79Page - SPANSION S71PL129JC0 Datasheet HTML 80Page - SPANSION S71PL129JC0 Datasheet HTML 81Page - SPANSION S71PL129JC0 Datasheet HTML 82Page - SPANSION S71PL129JC0 Datasheet HTML 83Page - SPANSION S71PL129JC0 Datasheet HTML 84Page - SPANSION S71PL129JC0 Datasheet HTML 85Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 149 page
background image
Ocotober 16, 2004 pSRAM_Type06_14_A1
pSRAM Type 6
81
Advance
Informatio n
DC Characteristics (Ta = -40°C to 85°C, VDD = 2.6 to 3.3 V) (See Note 3 to 4)
Capacitance (Ta = 25°C, f = 1 MHz)
Note: This parameter is sampled periodically and is not 100% tested.
AC Characteristics and Operating Conditions
(Ta = -40°C to 85°C, VDD = 2.6 to 3.3 V) (See Note 5 to 11)
Symbol
Parameter
Test Condition
Min
Typ.
Max
Unit
IIL
Input Leakage
Current
VIN = 0 V to VDD
-1.0
—
+1.0
µA
ILO
Output Leakage
Current
Output disable, VOUT = 0 V to VDD
-1.0
—
+1.0
µA
VOH
Output High Voltage
IOH = - 0.5 mA
2.0
¾
V
V
VOL
Output Low Voltage
IOL = 1.0 mA
—
—
0.4
V
IDDO1 Operating Current
CE1#= VIL, CE2 = VIH, IOUT = 0
mA, tRC = min.
ET5UZ8A-43DS
—
—
40
mA
ET5VB5A-43DS
—
—
50
IDDO2
Page Access
Operating Current
CE1#= VIL, CE2 = VIH, IOUT = 0 mA
Page add. cycling, tRC = min.
—
—
25
mA
IDDS
Standby Current
(MOS)
CE1# = VDD - 0.2 V,
CE2 = VDD - 0.2 V
ET5UZ8A-43DS
—
—
70
mA
ET5VB5A-43DS
—
—
100
µA
IDDSD
Deep Power-down
Standby Current
CE2 = 0.2 V
—
—
5
µA
Symbol
Parameter
Test Condition
Max
Unit
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Symbol
Parameter
Min
Max
Unit
tRC
Read Cycle Time
70
10000
ns
tACC
Address Access Time
—
70
ns
tCO
Chip Enable (CE1#) Access Time
—
70
ns
tOE
Output Enable Access Time
—
25
ns
tBA
Data Byte Control Access Time
—
25
ns
tCOE
Chip Enable Low to Output Active
10
—
ns
tOEE
Output Enable Low to Output Active
0
—
ns
tBE
Data Byte Control Low to Output Active
0
—
ns
tOD
Chip Enable High to Output High-Z
—
20
ns
tODO
Output Enable High to Output High-Z
—
20
ns
tBD
Data Byte Control High to Output High-Z
—
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com