Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0 Datasheet(PDF) 93 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 93 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 89Page - SPANSION S71PL129JC0 Datasheet HTML 90Page - SPANSION S71PL129JC0 Datasheet HTML 91Page - SPANSION S71PL129JC0 Datasheet HTML 92Page - SPANSION S71PL129JC0 Datasheet HTML 93Page - SPANSION S71PL129JC0 Datasheet HTML 94Page - SPANSION S71PL129JC0 Datasheet HTML 95Page - SPANSION S71PL129JC0 Datasheet HTML 96Page - SPANSION S71PL129JC0 Datasheet HTML 97Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 149 page
background image
August 30, 2004 pSRAM_Type01_12_A1
pSRAM Type 1
93
Advance
Informatio n
DC Characteristics
(32Mb pSRAM Page Mode)
Page Mode
Version
C
E
Performance Grade
-65
-60
-65
-70
Density
32Mb pSRAM
32Mb pSRAM
32Mb pSRAM
32Mb pSRAM
Symbol Parameter
Conditions
Min
Max
Units
Min
Max
Units
Min
Max
Units
Min
Max
Units
VCC
Power
Supply
2.7
3.6
V
2.7
3.3
V
2.7
3.3
V
2.7
3.3
V
VIH
Input High
Level
1.4
VCC +
0.2
V0.8 Vccq
VCC
+ 0.2
V0.8 Vccq
VCC
+ 0.2
V
0.8
Vccq
VCC
+
0.2
V
VIL
Input Low
Level
-0.2
0.4
V
-0.2
0.2
Vccq
V-0.2
0.2
Vccq
V-0.2
0.2
Vccq
V
IIL
Input
Leakage
Current
Vin = 0 to VCC
0.5
µA
1
µA
1
µA
1
µA
ILO
Output
Leakage
Current
OE = VIH or
Chip Disabled
0.5
µA
1
µA
1
µA
1
µA
VOH
Output High
Voltage
IOH = -1.0 mA
VV
V
V
IOH = -0.2 mA
0.8
Vccq
IOH = -0.5 mA
0.8 Vccq
0.8 Vccq
0.8
Vccq
VOL
Output Low
Voltage
IOL = 2.0 mA
VV
V
V
IOL = 0.2 mA
0.2
IOL = 0.5 mA
0.2
Vccq
0.2
Vccq
0.2
Vccq
IACTIVE
Operating
Current
VCC = 3.3 V
25
mA
25
mA
25
mA
25
mA
ISTANDBY
Standby
Current
VCC = 3.0 V
µA
µA
µA
µA
VCC = 3.3 V
100
120
120
120
IDEEP
SLEEP
Deep Power
Down
Current
10
µA
10
µA
10
µA
10
µA
IPAR 1/4
1/4 Array
PAR Current
65
µA
75
µA
75
µA
75
µA
IPAR 1/2
1/2 Array
PAR Current
80
µA
90
µA
90
µA
90
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com