Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9B2 Datasheet(PDF) 45 Page - SPANSION

Part # S71PL129JC0BAW9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B2 Datasheet(HTML) 45 Page - SPANSION

Back Button S71PL129JC0BAW9B2 Datasheet HTML 41Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 42Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 43Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 44Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 45Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 46Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 47Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 48Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
45
Advance
Informatio n
Command Definitions
Writing specific address and data commands or sequences into the command
register initiates device operations. Table 12 defines the valid register command
sequences. Writing incorrect address and data values or writing them in the
improper sequence may place the device in an unknown state. A reset com-
mand is then required to return the device to reading array data.
All addresses are latched on the falling edge of WE# or CE# (CE1# / CE2# in
PL129J), whichever happens later. All data is latched on the rising edge of WE#
or CE# (CE1# / CE2# in PL129J), whichever happens first. See AC Characteristics
for timing diagrams.
Reading Array Data
The device is automatically set to reading array data after device power-up. No
commands are required to retrieve data. Each bank is ready to read array data
after completing an Embedded Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the corresponding bank
enters the erase-suspend-read mode, after which the system can read data from
any non-erase-suspended sector within the same bank. The system can read
array data using the standard read timing, except that if it reads at an address
within erase-suspended sectors, the device outputs status data. After completing
a programming operation in the Erase Suspend mode, the system may once
again read array data with the same exception. See “Erase Suspend/Erase Re-
sume Commands” on page 50 for more information.
The system must issue the reset command to return a bank to the read (or erase-
suspend-read) mode if DQ5 goes high during an active program or erase opera-
tion, or if the bank is in the autoselect mode. See “Reset Command,” for more
information.
See “Requirements for Reading Array Data” on page 19 in “Device Bus Opera-
tions” for more information. The AC Characteristics table provides the read
parameters, and Figure 12 shows the timing diagram.
Reset Command
Writing the reset command resets the banks to the read or erase-suspend-read
mode. Address bits are don’t cares for this command.
The reset command may be written between the sequence cycles in an erase
command sequence before erasing begins. This resets the bank to which the sys-
tem was writing to the read mode. Once erasure begins, however, the device
ignores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in a program
command sequence before programming begins. This resets the bank to which
the system was writing to the read mode. If the program command sequence is
written to a bank that is in the Erase Suspend mode, writing the reset command
returns that bank to the erase-suspend-read mode. Once programming begins,
however, the device ignores reset commands until the operation is complete.
The reset command may be written between the sequence cycles in an autoselect
command sequence. Once in the autoselect mode, the reset command must be
written to return to the read mode. If a bank entered the autoselect mode while
in the Erase Suspend mode, writing the reset command returns that bank to the
erase-suspend-read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com