Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9B2 Datasheet(PDF) 57 Page - SPANSION

Part # S71PL129JC0BAW9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B2 Datasheet(HTML) 57 Page - SPANSION

Back Button S71PL129JC0BAW9B2 Datasheet HTML 53Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 54Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 55Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 56Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 57Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 58Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 59Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 60Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
57
Advance
Informatio n
During the Embedded Erase algorithm, Data# Polling produces a “0” on DQ7.
When the Embedded Erase algorithm is complete, or if the bank enters the Erase
Suspend mode, Data# Polling produces a “1” on DQ7. The system must provide
an address within any of the sectors selected for erasure to read valid status in-
formation on DQ7.
After an erase command sequence is written, if all sectors selected for erasing
are protected, Data# Polling on DQ7 is active for approximately 400 µs, then the
bank returns to the read mode. If not all selected sectors are protected, the Em-
bedded Erase algorithm erases the unprotected sectors, and ignores the selected
sectors that are protected. However, if the system reads DQ7 at an address within
a protected sector, the status may not be valid.
When the system detects DQ7 has changed from the complement to true data,
it can read valid data at DQ15–DQ0 on the following read cycles. Just prior to the
completion of an Embedded Program or Erase operation, DQ7 may change asyn-
chronously with DQ15–DQ0 while Output Enable (OE#) is asserted low. That is,
the device may change from providing status information to valid data on DQ7.
Depending on when the system samples the DQ7 output, it may read the status
or valid data. Even if the device has completed the program or erase operation
and DQ7 has valid data, the data outputs on DQ15–DQ0 may be still invalid. Valid
data on DQ15–DQ0 appears on successive read cycles.
Table 14 shows the outputs for Data# Polling on DQ7. 6 shows the Data# Polling
algorithm. Figure 18 in AC Characteristics shows the Data# Polling timing
diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com