Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9B2 Datasheet(PDF) 96 Page - SPANSION

Part # S71PL129JC0BAW9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B2 Datasheet(HTML) 96 Page - SPANSION

Back Button S71PL129JC0BAW9B2 Datasheet HTML 92Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 93Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 94Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 95Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 96Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 97Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 98Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 99Page - SPANSION S71PL129JC0BAW9B2 Datasheet HTML 100Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 149 page
background image
96
pSRAM Type 1
pSRAM_Type01_12_A1 August 30, 2004
Advance
Info rmation
AC Characteristics
(4Mb pSRAM Page Mode)
Asynchronous
Performance Grade
-70
Density
4Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
trc
Read cycle time
70
ns
taa
Address Access
Time
70
ns
tco
Chip select to
output
70
ns
toe
Output enable to
valid output
20
ns
tba
UB#, LB# Access
time
70
ns
tlz
Chip select to
Low-z output
10
ns
tblz
UB#, LB# Enable
to Low-Z output
10
ns
tolz
Output enable to
Low-Z output
5ns
thz
Chip enable to
High-Z output
020
ns
tbhz
UB#, LB#
disable to High-Z
output
020
ns
tohz
Output disable to
High-Z output
020
ns
toh
Output hold from
Address Change
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com