Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAI9B2 Datasheet(PDF) 30 Page - SPANSION

Part # S71PL129JC0BAI9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9B2 Datasheet(HTML) 30 Page - SPANSION

Back Button S71PL129JC0BAI9B2 Datasheet HTML 26Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 27Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 28Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 29Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 30Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 31Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 32Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 33Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
30
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences
Table 5. Autoselect Codes for PL129J
Description
CE1# CE2# OE# WE#
A21
to
A12
A10
A9 A8
A7
A6
A5
to
A4
A3 A2 A1
A0
DQ15
to DQ0
Manufacturer
ID: Spansion
products
L
H
L
H
X
X
VI
D
X
L
L
X
L
L
L
L
0001h
H
L
Read
Cycle 1
L
H
L
H
X
X
VI
D
X
L
L
L
L
L
L
H
227Eh
H
L
Read
Cycle 2
L
H
H
H
H
L
2221h
H
L
Read
Cycle 3
L
H
H
H
H
H
2200h
H
L
Sector
Protection
Verification
L
H
L
H
SA
X
VI
D
X
L
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
H
L
Secured
Silicon
Indicator Bit
(DQ7, DQ6)
L
H
L
H
X
X
VI
D
X
X
L
X
L
L
H
H
DQ7=1 (factory
locked),
DQ6=1 (factory and
customer locked)
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com