Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAI9B2 Datasheet(PDF) 51 Page - SPANSION

Part # S71PL129JC0BAI9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9B2 Datasheet(HTML) 51 Page - SPANSION

Back Button S71PL129JC0BAI9B2 Datasheet HTML 47Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 48Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 49Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 50Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 51Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 52Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 53Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 54Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
51
Advance
Informatio n
operation using the DQ7 or DQ6 status bits, just as in the standard Word Program
operation. See “Write Operation Status” on page 56 for more information.
In the erase-suspend-read mode, the system can also issue the autoselect com-
mand sequence. The device allows reading autoselect codes even at addresses
within erasing sectors, since the codes are not stored in the memory array. When
the device exits the autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. See “Secured Silicon Sector Ad-
dresses” on page 29 and “Autoselect Command Sequence” on page 46 for details.
To resume the sector erase operation, the system must write the Erase Resume
command (address bits are don’t care). The bank address of the erase-sus-
pended bank is required when writing this command. Further writes of the
Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
Password Program Command
The Password Program Command permits programming the password that is
used as part of the hardware protection scheme. The actual password is 64-bits
long. Four Password Program commands are required to program the password.
The system must enter the unlock cycle, password program command (38h) and
the program address/data for each portion of the password when programming.
There are no provisions for entering the 2-cycle unlock cycle, the password pro-
gram command, and all the password data. There is no special addressing order
required for programming the password. Also, when the password is undergoing
programming, Simultaneous Operation is disabled. Read operations to any mem-
ory location will return the programming status. Once programming is complete,
the user must issue a Read/Reset command to return the device to normal oper-
ation. Once the Password is written and verified, the Password Mode Locking Bit
must be set in order to prevent verification. The Password Program Command is
only capable of programming “0”s. Programming a “1” after a cell is programmed
as a “0” results in a time-out by the Embedded Program Algorithm™ with the cell
remaining as a “0”. The password is all ones when shipped from the factory. All
64-bit password combinations are valid as a password.
Password Verify Command
The Password Verify Command is used to verify the Password. The Password is
verifiable only when the Password Mode Locking Bit is not programmed. If the
Password Mode Locking Bit is programmed and the user attempts to verify the
Password, the device will always drive all F’s onto the DQ data bus.
The Password Verify command is permitted if the Secured Silicon sector is en-
abled. Also, the device will not operate in Simultaneous Operation when the
Password Verify command is executed. Only the password is returned regardless
of the bank address. The lower two address bits (A1-A0) are valid during the
Password Verify. Writing the Read/Reset command returns the device back to
normal operation.
Password Protection Mode Locking Bit Program Command
The Password Protection Mode Locking Bit Program Command programs the
Password Protection Mode Locking Bit, which prevents further verifies or updates
to the Password. Once programmed, the Password Protection Mode Locking Bit
cannot be erased! If the Password Protection Mode Locking Bit is verified as pro-
gram without margin, the Password Protection Mode Locking Bit Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com