Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAI9B2 Datasheet(PDF) 55 Page - SPANSION

Part # S71PL129JC0BAI9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9B2 Datasheet(HTML) 55 Page - SPANSION

Back Button S71PL129JC0BAI9B2 Datasheet HTML 51Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 52Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 53Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 54Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 55Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 56Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 57Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 58Page - SPANSION S71PL129JC0BAI9B2 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
55
Advance
Informatio n
4. During unlock and command cycles, when lower address bits are 555 or 2AAh as shown in table, address bits higher than
A11 (except where BA is required) and data bits higher than DQ7 are don’t cares.
5. No unlock or command cycles required when bank is reading array data.
6. The Reset command is required to return to reading array (or to erase-suspend-read mode if previously in Erase Suspend)
when bank is in autoselect mode, or if DQ5 goes high (while bank is providing status information).
7. Fourth cycle of autoselect command sequence is a read cycle. System must provide bank address to obtain manufacturer ID
or device ID information. See “Autoselect Command Sequence” on page 46 for more information.
8. The data is DQ6=1 for factory and customer locked and DQ7=1 for factory locked.
9. The data is 00h for an unprotected sector group and 01h for a protected sector group.
10. Device ID must be read across cycles 4, 5, and 6. PL129J (X0Eh = 2221h, X0Fh = 2200h).
11. System may read and program in non-erasing sectors, or enter autoselect mode, when in Program/Erase Suspend mode.
Program/Erase Suspend command is valid only during a sector erase operation, and requires bank address.
12. Program/Erase Resume command is valid only during Erase Suspend mode, and requires bank address.
13. Command is valid when device is ready to read array data or when device is in autoselect mode.
14. WP#/ACC must be at VID during the entire operation of command.
15. Unlock Bypass Entry command is required prior to any Unlock Bypass operation. Unlock Bypass Reset command is required
to return to the reading array.
Legend:
DYB = Dynamic Protection Bit
OW = Address (A7:A0) is (00011010)
PD[3:0] = Password Data (1 of 4 portions)
PPB = Persistent Protection Bit
Table 13. Sector Protection Command Definitions
Command (Notes)
Bus Cycles (Notes 1-4)
Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data
Reset
1
XXX
F0
Secured Silicon Sector Entry
3
555
AA
2AA
55
555
88
Secured Silicon Sector Exit
4
555
AA
2AA
55
555
90
XX
00
Secured Silicon Protection Bit Program
(Notes 5, 6)
6
555
AA
2AA
55
555
60
OW
68
OW
48
OW
RD
(0)
Secured Silicon Protection Bit Status
5
555
AA
2AA
55
555
60
OW
48
OW
RD
(0)
Password Program (Notes 5, 7, 8)
4
555
AA
2AA
55
555
38
XX
[0-3]
PD
[0-3]
Password Verify (Notes 6, 8, 9)
4
555
AA
2AA
55
555
C8
PWA
[0-3]
PWD
[0-3]
Password Unlock (Notes 7, 10, 11)
7
555
AA
2AA
55
555
28
PWA
[0]
PWD
[0]
PWA
[1]
PWD
[1]
PWA
[2]
PWD
[2]
PWA
[3]
PWD
[3]
PPB Program (Notes 5, 6, 12)
6
555
AA
2AA
55
555
60
(SA)
WP
68
(SA)
WP
48
(SA)
WP
RD
(0)
PPB Status
4
555
AA
2AA
55
555
90
(SA)
WP
RD
(0)
All PPB Erase (Notes 5, 6, 13, 14)
6
555
AA
2AA
55
555
60
WP
60
(SA)
40
(SA)
WP
RD
(0)
PPB Lock Bit Set
3
555
AA
2AA
55
555
78
PPB Lock Bit Status (Note 15)
4
555
AA
2AA
55
555
58
SA
RD
(1)
DYB Write (Note 7)
4
555
AA
2AA
55
555
48
SA
X1
DYB Erase (Note 7)
4
555
AA
2AA
55
555
48
SA
X0
DYB Status (Note 6)
4
555
AA
2AA
55
555
58
SA
RD
(0)
PPMLB Program (Notes 5, 6, 12)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
RD
(0)
PPMLB Status (Note 5)
5
555
AA
2AA
55
555
60
PL
48
PL
RD
(0)
SPMLB Program (Notes 5, 6, 12)
6
555
AA
2AA
55
555
60
SL
68
SL
48
SL
RD
(0)
SPMLB Status (Note 5)
5
555
AA
2AA
55
555
60
SL
48
SL
RD
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com