Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR032FT Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 3Page - STMicroelectronics M58WR032FT Datasheet HTML 4Page - STMicroelectronics M58WR032FT Datasheet HTML 5Page - STMicroelectronics M58WR032FT Datasheet HTML 6Page - STMicroelectronics M58WR032FT Datasheet HTML 7Page - STMicroelectronics M58WR032FT Datasheet HTML 8Page - STMicroelectronics M58WR032FT Datasheet HTML 9Page - STMicroelectronics M58WR032FT Datasheet HTML 10Page - STMicroelectronics M58WR032FT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
7/86
M58WR032FT, M58WR032FB
SUMMARY DESCRIPTION
The M58WR032FT/B is a 32 Mbit (2 Mbit x16)
non-volatile Flash memory that may be erased
electrically at block level and programmed in-sys-
tem on a Word-by-Word basis using a 1.7V to 2V
VDD supply for the circuitry and a 1.7V to 2.24V
VDDQ supply for the Input/Output pins. An optional
12V VPP power supply is provided to speed up
customer programming.
The VPP pin can also be used as a control pin to
provide absolute protection against program or
erase.
The device features an asymmetrical block archi-
tecture. M58WR032FT/B has an array of 71
blocks, and is divided into 4 Mbit banks. There are
7 banks each containing 8 main blocks of 32
KWords, and one parameter bank containing 8 pa-
rameter blocks of 4 KWords and 7 main blocks of
32 KWords. The Multiple Bank Architecture allows
Dual Operations, while programming or erasing in
one bank, Read operations are possible in other
banks. Only one bank at a time is allowed to be in
Program or Erase mode. It is possible to perform
burst reads that cross bank boundaries. The bank
architecture is summarized in Table 2., and the
memory maps are shown in Figure 4. The Param-
eter Blocks are located at the top of the memory
address space for the M58WR032FT and at the
bottom for the M58WR032FB.
Each block can be erased separately. Erase can
be suspended, in order to perform program in any
other block, and then resumed. Program can be
suspended to read data in any other block and
then resumed. Each block can be programmed
and erased over 100,000 cycles using the supply
voltage VDD. There are two Enhanced Factory
programming commands available to speed up
programming.
Program and Erase commands are written to the
Command Interface of the memory. An internal
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified in the
Status Register. The command set required to
control the memory is consistent with JEDEC stan-
dards.
The device supports synchronous burst read and
asynchronous read from all blocks of the memory
array; at power-up the device is configured for
asynchronous read. In synchronous burst mode,
data is output on each clock cycle at frequencies
of up to 66MHz. The synchronous burst read oper-
ation can be suspended and resumed.
The device features an Automatic Standby mode.
When the bus is inactive during Asynchronous
Read operations, the device automatically switch-
es to the Automatic Standby mode. In this condi-
tion the power consumption is reduced to the
standby value IDD4 and the outputs are still driven.
The M58WR032FT/B features an instant, individu-
al block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and erase.
When VPP ≤ VPPLK all blocks are protected against
program or erase. All blocks are locked at Power-
Up.
The device includes a Protection Register to in-
crease the protection of a system’s design. The
Protection Register is divided into two segments:
a 64 bit segment containing a unique device num-
ber written by ST, and a 128 bit segment One-
Time-Programmable (OTP) by the user. The user
programmable segment can be permanently pro-
tected. Figure 5. shows the Protection Register
Memory Map.
The memory is offered in a VFBGA56, 7.7 x 9mm,
8x7 active ball array, 0.75 mm pitch package.
In addition to the standard version, the package is
also available in Lead-free version, in compliance
with JEDEC Std J-STD-020B, the ST ECOPACK
7191395 Specification, and the RoHS (Restriction
of Hazardous Substances) directive. All packages
are compliant with Lead-free soldering processes.
The memory is supplied with all the bits erased
(set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com