Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR032FT Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 5Page - STMicroelectronics M58WR032FT Datasheet HTML 6Page - STMicroelectronics M58WR032FT Datasheet HTML 7Page - STMicroelectronics M58WR032FT Datasheet HTML 8Page - STMicroelectronics M58WR032FT Datasheet HTML 9Page - STMicroelectronics M58WR032FT Datasheet HTML 10Page - STMicroelectronics M58WR032FT Datasheet HTML 11Page - STMicroelectronics M58WR032FT Datasheet HTML 12Page - STMicroelectronics M58WR032FT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
9/86
M58WR032FT, M58WR032FB
Figure 3. VFBGA Connections (Top view through package)
Table 2. Bank Architecture
Number
Bank Size
Parameter Blocks
Main Blocks
Parameter Bank
4 Mbits
8 blocks of 4 KWords
7 blocks of 32 KWords
Bank 1
4 Mbits
-
8 blocks of 32 KWords
Bank 2
4 Mbits
-
8 blocks of 32 KWords
Bank 3
4 Mbits
-
8 blocks of 32 KWords
Bank 6
4 Mbits
-
8 blocks of 32 KWords
Bank 7
4 Mbits
-
8 blocks of 32 KWords
AI09301
DQ1
DQ13
DQ3
DQ12
DQ6
DQ8
D
A1
A3
A6
A9
A12
A15
C
A2
A5
A17
A18
A10
B
A4
A7
A19
VPP
A8
A11
A13
A
8
7
6
5
4
3
2
1
A20
G
F
E
VSS
VDD
K
RP
L
W
A14
WAIT
A16
WP
VDDQ
DQ4
DQ2
E
A0
VSS
DQ15
DQ14
DQ11
DQ10
DQ9
DQ0
G
DQ7
VSSQ
DQ5
VDD
VDDQ
VSSQ
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com