Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMR22C155PRBA0 Datasheet(PDF) 5 Page - AVX Corporation

Part # SCMR22C155PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR22C155PRBA0 Datasheet(HTML) 5 Page - AVX Corporation

  SCMR22C155PRBA0 Datasheet HTML 1Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 2Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 3Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
082418
9.0V/8.1V SCM Series
Series-Connected SuperCapacitor Modules
OPERATING TEMPERATURE RANGE
-40°C to +65°C
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated voltage under constant
current at +25°C for 500,000 cycles
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 2,000 hours
Storage Temperature
Characteristics
Storage Duration: 1 year
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
No Load
Temperature: +25°C
Vibration Resistance
Amplitude: 1.5mm
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance Change
ESR
Appearance
≤30% of initial spec value
≤2 times initial spec value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,500 hours
QUALIFICATION TEST SUMMARY
AVX Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000 Hz
(mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Shrink Wrap / Radial Lead
SCMR14J334SRBA0
8
14
0.33
+30%/-10%
8.1
65
3
500
2850
0.69
897
0.0030
0.98
SCMR14J334SRBB0
8
14
0.33
+30%/-10%
9.0
65
6
500
2850
0.69
869
0.0030
0.95
SCMR14L334SRBB0
8
14
0.33
+30%/-10%
9.0
65
7
500
2850
0.77
1072
0.0037
1.17
SCMR18J604SRBA0
8
18
0.6
+30%/-10%
8.1
65
7
400
1080
1.47
1934
0.0055
1.45
SCMR18J604SRBB0
8
18
0.6
+30%/-10%
9.0
65
15
400
1080
1.47
1869
0.0055
1.40
SCMR18L604SRBB0
8
18
0.6
+30%/-10%
9.0
65
12
400
1080
1.64
2308
0.0068
1.73
SCMR22J105SRBA0
8
22
1
+30%/-10%
8.1
65
12
350
840
2.20
1986
0.0091
1.93
SCMR22J105SRBB0
8
22
1
+30%/-10%
8.1
65
15
350
840
2.20
1894
0.0091
1.84
SCMR22L105SRBB0
8
22
1
+30%/-10%
9.0
65
18
350
840
2.45
2338
0.0113
2.27
Plastic / Radial Lead
SCMR14J334SSBA0
9.5
16
0.33
+30%/-10%
8.1
65
3
500
2850
0.69
498
0.0030
0.54
SCMR14L334SSBB0
9.5
16
0.33
+30%/-10%
9.0
65
7
500
2850
0.77
598
0.0037
0.65
SCMR18J604SSBA0
9.5
20
0.6
+30%/-10%
8.1
65
7
400
1080
1.47
1063
0.0055
0.80
SCMR18L604SSBB0
9.5
20
0.6
+30%/-10%
9.0
65
12
400
1080
1.64
1286
0.0068
0.96
SCMR22J105SSBA0
9.5
24
1
+30%/-10%
8.1
65
12
350
840
2.20
1129
0.0091
1.10
SCMR22L105SSBB0
9.5
24
1
+30%/-10%
9.0
65
18
350
840
2.45
1361
0.0113
1.32
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com