Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMR22C155PRBA0 Datasheet(PDF) 10 Page - AVX Corporation

Part # SCMR22C155PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR22C155PRBA0 Datasheet(HTML) 10 Page - AVX Corporation

Back Button SCMR22C155PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 9Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 10Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 11Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
082418
100%Vrated
90%Vrated
80%Vrated
70%Vrated
90
80
70
60
50
40
30
20
10
0
0.1
1.0
10.0
100.0
100%Vrated
90%Vrated
80%Vrated
70%Vrated
0.1
1.0
10.0
100.0
MTTF (years)
POLARITY / REVERSE VOLTAGE
In principal the positive and negative electrodes of the
SuperCapacitors are symmetrical and in theory they should not
have a polarity but for product consistency and for optimum
performance the negative polarity is marked because the
capacitors do not discharge completely when in use. It is
recommended that the polarity should be used as marked. If the
polarity is reversed the circuit will not have a catastrophic failure
but the circuit will see a much higher leakage current for a short
duration of time and the life time of the SuperCapacitors will be
reduced.
LIFE TIME AND TEMPERATURE PERFORMANCE
The life of a SuperCapacitor is impacted by a combination of
operating voltage and the operating temperature according to
the following equation:
time to failure, t ∞ Vn * exp (-Q / k*T)
…………..(1) where V is the voltage of operation, Q is the
activation energy in electron volts (eV), k is the Boltzmann’s
constant in eV and T is the operating temperature in °K
(where K is in degrees
Kelvin). Typical values for the voltage exponent, n, is between
2.5 - 3.5, and Q is between 1.0 - 1.2 eV in the normal
operating temperature range of 40° to 65°C. The industry
standard for SuperCapacitor end of life is when the equivalent
series resistance, ESR, increases to 200% of the original value
and the capacitance drops by 30%. Typically a SuperCapacitor
shows an initial change in the ESR value and then levels off. If
the capacitors are exposed to excessive temperatures the ESR
will show a continuous degradation In the extreme case, if the
temperatures or voltages are substantially higher, than the rated
voltage, this will lead to cell leakage or gas leakage and the
product will show a faster change in the ESR which may increase
to many times the original value.
Expected Lifetime at Various Voltages
SCM Series, 5.4V/5.0V, 6.0V/5.5V, 7.5V, 9.0V/8.1V Rated
Expected Lifetime at Various Voltages
SCM Series, 4.6V/4.2V, 6.4V Rated
MTTF (years)
90
80
70
60
50
40
30
20
10
0
SCM Series
Series-Connected SuperCapacitor Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com