Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMR22C155PRBA0 Datasheet(PDF) 8 Page - AVX Corporation

Part # SCMR22C155PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR22C155PRBA0 Datasheet(HTML) 8 Page - AVX Corporation

Back Button SCMR22C155PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 9Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 10Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 11Page - AVX Corporation SCMR22C155PRBA0 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
082418
6.0V Plastic Type - Straight Leads
9.0V Plastic Type - Straight Leads
6.0V Plastic Type - Bent Leads
9.0V Plastic Type - Bent Leads
MECHANICAL SPECIFICATIONS
L±1.5mm
фd±0.05mm
15 mm min
D±1.0mm
P±0.5mm
(-) Negative Polarity
4mm min
W±1.0 mm
+
-
+
-
W±1.0 mm
L±1.5mm
фd±0.05mm
B
P±0.5mm
(-) Negative Polarity
D±1.0mm
Cap (F)
D (mm)
W (mm)
L (mm)
P (mm)
d (mm)
B (mm)*
0.47
9.5
18.5
16.0
11.5
0.6
2.0
1
9.5
18.5
20.0
11.5
0.6
2.0
1.5
9.5
18.5
24.0
11.5
0.6
2.0
*for version with bent leads
Cap (F)
D (mm)
W (mm)
L (mm)
P (mm)
d (mm)
B (mm)*
0.33
9.5
26.6
16.0
11.5
0.6
2.0
0.6
9.5
26.6
20.0
11.5
0.6
2.0
1
9.5
26.6
24.0
11.5
0.6
2.0
*for version with bent leads
W±1.0 mm
L±1.5mm
фd±0.05mm
D±1.0mm
P±0.5mm
+
-
(-) Negative Polarity
B
L±1.5mm
D±1.0mm
фd±0.05mm
15 mm min
P±0.5mm
(-) Negative Polarity
4mm min
W±1.0 mm
+
-
SCM Series
Series-Connected SuperCapacitor Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com