Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2615IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2615IGN Datasheet HTML 6Page - Linear Technology LTC2615IGN Datasheet HTML 7Page - Linear Technology LTC2615IGN Datasheet HTML 8Page - Linear Technology LTC2615IGN Datasheet HTML 9Page - Linear Technology LTC2615IGN Datasheet HTML 10Page - Linear Technology LTC2615IGN Datasheet HTML 11Page - Linear Technology LTC2615IGN Datasheet HTML 12Page - Linear Technology LTC2615IGN Datasheet HTML 13Page - Linear Technology LTC2615IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2605/LTC2615/LTC2625
2605f
Table 1.
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register n
0001
Update (Power Up) DAC Register n
0010
Write to Input Register n, Update (Power Up) All n
0011
Write to and Update (Power Up) n
0100
Power Down n
1111
No Operation
*Address and command codes not shown are reserved and should not be used.
ADDRESS (n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
DAC C
0011
DAC D
0100
DAC E
0101
DAC F
0110
DAC G
0111
DAC H
1111
All DACs
where k is the decimal equivalent of the binary DAC input
code, N is the resolution and VREF is the voltage at REF
(Pin 6).
Serial Digital Interface
The LTC2605/LTC2615/LTC2625 communicate with a
host using the standard 2-wire digital interface. The
Timing Diagram (Figure 1) shows the timing relationship
of the signals on the bus. The two bus lines, SDA and SCL,
must be high when the bus is not in use. External pull-up
resistors or current sources are required on these lines.
The value of these pull-up resistors is dependent on the
power supply and can be obtained from the I2C specifica-
tions. For an I2C bus operating in the fast mode, an active
pull-up will be necessary if the bus capacitance is greater
than 200pF.
The LTC2605/LTC2615/LTC2625 are receive-only (slave)
devices. The master can write to the LTC2605/LTC2615/
LTC2625. The LTC2605/LTC2615/LTC2625 do not
respond to a read from the master.
The START (S) and STOP (P) Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communica-
tion to a slave device by transmitting a START condition.
A START condition is generated by transitioning SDA from
high to low while SCL is high.
When the master has finished communicating with the
slave, it issues a STOP condition. A STOP condition is
generated by transitioning SDA from low to high while SCL
is high. The bus is then free for communication with
another I2C device.
OPERATIO
Power-On Reset
The LTC2605/LTC2615/LTC2625 clear the outputs to
zero scale when power is first applied, making system
initialization consistent and repeatable. The LTC2605-1/
LTC2615-1/LTC2625-1 set the voltage outputs to midscale
when power is first applied.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2605/
LTC2615/LTC2625 contain circuitry to reduce the
power-on glitch: the analog outputs typically rise less
than 10mV above zero scale during power on if the
power supply is ramped to 5V in 1ms or more. In general,
the glitch amplitude decreases as the power supply ramp
time is increased. See Power-On Reset Glitch in the
Typical Performance Characteristics section.
Power Supply Sequencing
The voltage at REF (Pin 6) should be kept within the range
– 0.3V
≤ VREF ≤ VCC + 0.3V (see Absolute Maximum
Ratings). Particular care should be taken to observe these
limits during power supply turn-on and turn-off sequences,
when the voltage at VCC (Pin 16) is in transition.
Transfer Function
The digital-to-analog transfer function is
V
k
V
OUT IDEAL
N
REF
() =
⎛
⎝⎜
⎞
⎠⎟
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com