Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2615IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2615IGN Datasheet HTML 2Page - Linear Technology LTC2615IGN Datasheet HTML 3Page - Linear Technology LTC2615IGN Datasheet HTML 4Page - Linear Technology LTC2615IGN Datasheet HTML 5Page - Linear Technology LTC2615IGN Datasheet HTML 6Page - Linear Technology LTC2615IGN Datasheet HTML 7Page - Linear Technology LTC2615IGN Datasheet HTML 8Page - Linear Technology LTC2615IGN Datasheet HTML 9Page - Linear Technology LTC2615IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC2605/LTC2615/LTC2625
2605f
LTC2625
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2605
Settling to
±1LSB
Settling of Full-Scale Step
5
µs/DIV
2605 G08
VOUT
100
µV/DIV
SCR
2V/DIV
SETTLING TO
±1LSB
VCC = 5V, VREF = 4.096V
CODE 512 TO 65535 STEP
AVERAGE OF 2048 EVENTS
12.3
µs
9TH CLOCK OF
3RD DATA BYTE
LTC2615
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Settling to
±1LSB
Settling to
±1LSB
CODE
0
4096
8192
12288
16383
2605 G09
8
6
4
2
0
–2
–4
–6
–8
VCC = 5V
VREF = 4.096V
CODE
0
4096
8192
12288
16383
2605 G10
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2
µs/DIV
2605 G11
VOUT
100
µV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
8.9
µs
9TH CLOCK
OF 3RD DATA
BYTE
CODE
0
1024
2048
3072
4095
2605 G12
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VCC = 5V
VREF = 4.096V
CODE
0
1024
2048
3072
4095
2605 G13
VCC = 5V
VREF = 4.096V
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
2
µs/DIV
2605 G14
VOUT
1mV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
6.8
µs
9TH CLOCK
OF 3RD DATA
BYTE
2
µs/DIV
2605 G07
VOUT
100
µV/DIV
SCL
2V/DIV
VCC = 5V, VREF = 4.096V
1/4-SCALE TO 3/4-SCALE STEP
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
9.7
µs
9TH CLOCK
OF 3RD DATA
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com