Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2615IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2615IGN Datasheet HTML 8Page - Linear Technology LTC2615IGN Datasheet HTML 9Page - Linear Technology LTC2615IGN Datasheet HTML 10Page - Linear Technology LTC2615IGN Datasheet HTML 11Page - Linear Technology LTC2615IGN Datasheet HTML 12Page - Linear Technology LTC2615IGN Datasheet HTML 13Page - Linear Technology LTC2615IGN Datasheet HTML 14Page - Linear Technology LTC2615IGN Datasheet HTML 15Page - Linear Technology LTC2615IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2605/LTC2615/LTC2625
2605f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parrallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10-/8-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2
µs for 10V Step
LTC2600/LTC2610/
Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250
µA per DAC, 2.5V–5.5V Supply Range, Rail-to-Rail
LTC2620
Output, SPI Interface
LTC2601/LTC2611/
Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN
300
µA per DAC, 2.5V–5.5V Supply Range, Rail-to-Rail
LTC2621
Output, SPI Interface
LTC2602/LTC2612/
Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP
300
µA per DAC, 2.5V–5.5V Supply Range, Rail-to-Rail
LTC2622
Output, SPI Interface
LTC2604/LTC2614/
Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250
µA per DAC, 2.5V–5.5V Supply Range, Rail-to-Rail
LTC2624
Output, SPI Interface
LTC2606/LTC2616/
Single 16-/14-/12-Bit VOUT DACs with I
2C Interface in 10-Lead DFN
270
µA per DAC, 2.7V–5.5V Supply Range, Rail-to-Rail
LTC2626
Output, I2C Interface
© LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/TP 0405 500 • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
DISABLE
ADC
4.096V
5V
10k
10k
CS
SCK
SPI
BUS
VCC
VIN
VCC
VCC
VREF
VREF
5V
R6
7.5k
R5
DAC OUTPUTS
7.5k
C10
100pF
R8
22
TP4
DAC B
U5
LT1461ACS8-4
2
4
6
3
VIN
GND
VOUT
SHDN
TP5
DAC C
TP6
DAC D
TP7
DAC E
U3
LTC2428CG
13
12
1
5
6
7
8
9
10
15
4
3
2
11
14
17
18
19
20
21
22
23
24
25
26
2605 TA01
27
28
16
CH4
CH3
GND
ZSSET
FSSET
GND
MUXOUT
CH0
CH1
CH6
ADCIN
VCC VCC
VCC
VREF
VCC
CH2
CH5
CH7
GND
CLK
CSMUX
DIN
GND
CSADC
SD0
SCK
FO
GND GND
GND
JP1
ON/OFF
C1
0.1
µF
C2
0.1
µF
C5
0.1
µF
C4
0.1
µF
TP8
DAC F
TP9
DAC G
TP3
DAC A
JP2
VREF
TP10
DAC H
U2
LTC2605CGN
I2C
BUS
13
12
5
6
1
15
16
4
3
2
11
10
7
9
8
14
VOUT F
VOUT E
GND
VOUT D
REF
SDA
SCL
VOUT H
VCC
VOUT C
VOUT B
VOUT A
CA2
CA1
CA0
VOUT G
4-/8-CHANNEL
MUX
3
1
2
VCC
ADDRESS SELECTION
VCC
R7
7.5k
20-BIT
ADC
+
–
3
1
2
TP13
GND
TP11
VREF
C8
1
µF
16V
C9
0.1
µF
U4
LT1236ACS8-5
2
4
6
VIN
GND
VOUT
C6
0.1
µF
C7
4.7
µF
6.3V
REGULATOR
5VREF
VCC
JP3
VCC
3
1
2
TP12
VCC
Demonstration Circuit—LTC2428 20-Bit ADC Measures Key Performance Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com