Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL1697 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1697
Description  HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1697 Datasheet HTML 1Page - Diodes Incorporated AL1697 Datasheet HTML 2Page - Diodes Incorporated AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AL1697
Document number: DS38223 Rev. 6 - 2
2 of 13
www.diodes.com
October 2017
© Diodes Incorporated
AL1697
Typical Applications Circuit
+
RT
GND
C5
R1
AC
Input
FR1
DB1
C1
COMP
R3
VCC
D
C4
D1
L2
R7
R6
R5
C2
C3
D2
R4
R2
L1
3
5
4
7
1
2
C6
FB
R8
R9
6
CS
LEDS
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Power Supply Voltage
2
RT
Resistor Set the
System’S Maximum tON
3
COMP
Compensation for Current Control
4
GND
Ground
5
FB
Feedback for LED Open Protection Voltage
6
CS
Current Sensing
7
D
Drain of the Internal High Voltage MOSFET
Functional Block Diagram
VCC
Management
Fault
Management
UVLO
OFF
VCC
Clamp
OTP
OVP
VDD
VREF
STOP
tON_max
R
S
Q
tONS Detection
(ZCD)
VCC
OVP
VREF_OVP
OVP
D
VCC
CS
GND
RT
Driver Supply
Clamp
2
7
1
6
4
Set tON_max
tON_max
-
+
COMP
Gm
VREF
Sample and Hold
-
+
3
5
FB
-
+
STOP
OCP
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com