Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL1697 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1697
Description  HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1697 Datasheet HTML 1Page - Diodes Incorporated AL1697 Datasheet HTML 2Page - Diodes Incorporated AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL1697
Document number: DS38223 Rev. 6 - 2
3 of 13
www.diodes.com
October 2017
© Diodes Incorporated
AL1697
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
18
V
VD
Voltage on Drain Pin (AL1697-30BAS7-13)
400
V
Voltage on Drain Pin (AL1697-20CS7-13)
600
V
Voltage on Drain Pin (AL1697-40DS7-13)
670
V
IDS
Continuous Drain Current TC = +25°C (AL1697-30BAS7-13)
3
A
Continuous Drain Current TC = +25°C (AL1697-20CS7-13)
2
A
Continuous Drain Current TC = +25°C, (AL1697-40DS7-13)
4
A
VCS
Voltage on CS Pin
-0.3 to 7
V
VRT
Voltage on RT Pin
-0.3 to 7
V
VFB
Voltage on FB Pin
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
+260
°C
PD
Power Dissipation (TA = +50°C) (Note 5)
0.8
W
JA
Thermal Resistance (Junction to Ambient) (Note 5)
123
°C/W
JC
Thermal Resistance (Junction to Case) (Note 5)
19
°C/W
–
ESD (Human Body Model)
2,000
V
Notes:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at t
hese or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
5. Device mounted on 1"x1" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature (Note 6)
-40
+105
°C
VCC
Operating VCC Voltage
10
VCC_CLAMP(Min)
V
Note:
6. The device may operate normally at +125
°C ambient temperature under the condition not trigger temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com