Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES1 Datasheet(PDF) 1 Page - Protek Devices

Part # PES1
Description  SUPER FAST RECOVERY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PES1 Datasheet(HTML) 1 Page - Protek Devices

  PES1 Datasheet HTML 1Page - Protek Devices PES1 Datasheet HTML 2Page - Protek Devices PES1 Datasheet HTML 3Page - Protek Devices PES1 Datasheet HTML 4Page - Protek Devices PES1 Datasheet HTML 5Page - Protek Devices PES1 Datasheet HTML 6Page - Protek Devices PES1 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05591.R1 9/18
Page 1
PES1 SERIES
SUPER FAST RECOVERY RECTIFIER
ISO 9001: 2015 CERTIFIED
APPLICATIONS
• High Frequency Rectification
• Freewheeling Application for Switch Mode Power Supplies
FEATURES
• Glass Passivated Chip Junction
• Super Fast Recovery Time For High Efficiency
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC DO-214AC Package
• Approximate Weight: 0.06 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Terminal: Solderable per MIL-STD-750, Method 2026
• Flammability Rating UL 94V-0
PIN CONFIGURATION
DO-214AC PACKAGE
1
2


Similar Part No. - PES1

ManufacturerPart #DatasheetDescription
logo
CUI INC
PES1-M CUI-PES1-M Datasheet
514Kb / 6P
DC-DC CONVERTER
PES1-M CUI-PES1-M Datasheet
1Mb / 8P
DC-DC CONVERTER
08/11/2021
PES1-M CUI-PES1-M_V01 Datasheet
1Mb / 8P
DC-DC CONVERTER
08/11/2021
PES1-S12-D12-M CUI-PES1-S12-D12-M Datasheet
1Mb / 8P
DC-DC CONVERTER
08/11/2021
PES1-S12-D15-M CUI-PES1-S12-D15-M Datasheet
1Mb / 8P
DC-DC CONVERTER
08/11/2021
More results

Similar Description - PES1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com