Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES1 Datasheet(PDF) 3 Page - Protek Devices

Part # PES1
Description  SUPER FAST RECOVERY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PES1 Datasheet(HTML) 3 Page - Protek Devices

  PES1 Datasheet HTML 1Page - Protek Devices PES1 Datasheet HTML 2Page - Protek Devices PES1 Datasheet HTML 3Page - Protek Devices PES1 Datasheet HTML 4Page - Protek Devices PES1 Datasheet HTML 5Page - Protek Devices PES1 Datasheet HTML 6Page - Protek Devices PES1 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
05591.R1 9/18
Page 3
PES1 SERIES
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
FIGURE 2
MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0
10
30
20
0
10
100
Number of Cycles at 60Hz
FIGURE 3
TYPICAL REVERSE CHARACTERISTICS
TJ = 150°C
TJ = 25°C
0.01
0.1
10
1
100
0
20
40
60
80
100
Percentage of Peak Reverse Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com