Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PES1 Datasheet(PDF) 2 Page - Protek Devices

Part # PES1
Description  SUPER FAST RECOVERY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PES1 Datasheet(HTML) 2 Page - Protek Devices

  PES1 Datasheet HTML 1Page - Protek Devices PES1 Datasheet HTML 2Page - Protek Devices PES1 Datasheet HTML 3Page - Protek Devices PES1 Datasheet HTML 4Page - Protek Devices PES1 Datasheet HTML 5Page - Protek Devices PES1 Datasheet HTML 6Page - Protek Devices PES1 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05591.R1 9/18
Page 2
PES1 SERIES
ISO 9001: 2015 CERTIFIED
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
J
-65 to 150
°C
Storage Temperature
T
STG
-65 to 150
°C
Peak Forward Surge Current, 8.3ms single half sinewave
I
FSM
30
Amps
Maximum Average Forward Current at T
L = 90°C
I
F(AV)
1.0
Amps
Maximum Reverse Recover Time: I
F = 0.5A, IR = 1A, Irr = 0.25A
t
rr
35
ns
Maximum DC Reverse Current: T
J = 25°C
I
R
5.0
µA
Maximum DC Reverse Current: T
J = 150°C
I
R
200
µA
Thermal Resistance - Junction to Air
R
ΘJA
85
°C/W
Thermal Resistance - Juntion to Lead
R
ΘJL
35
°C/W
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
MAXIMUM
REPETITIVE
PEAK
REVERSE
VOLTAGE
V
RRM
VOLTS
MAXIMUM
DC
BLOCKING
VOLTAGE
V
DC
VOLTS
MAXIMUM
FORWARD
VOLTAGE
I
F = 1A
V
F
VOLTS
TYPICAL
JUNCTION
CAPACITANCE
V
R = 4V
f = 1MHZ
C
J
pF
PES1D
ES1D
200
200
1.3
7
PES1G
ES1G
400
400
1.3
7
FIGURE 1
TYPICAL FORWARD CHARACTERISTICS
0.01
0.10
1.00
0.50
0.70
0.90
1.10
1.30
1.50
V
F - Forward Voltage - V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com