Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56857 Datasheet(PDF) 308 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 308 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 304Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 305Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 662 page
background image
ESSI Block Diagram
5685X Digital Signal Controller User Manual, Rev. 4
12-8
Freescale Semiconductor
When this signal is configured as a transmit data signal, it is always an output signal regardless of
the SCD1 bit value. As an output, it is fully synchronized with the other ESSI transmit data
signals (STD and SC0).
Note:
The source of the Transmitter 0 drive-enable signal is the STD_OEN signal.
12.3.2.4
ESSI Serial Control Signal 2 (SC2)
This pin is used for frame sync I/O and can be configured as either an input or an output pin. The
direction of this signal is determined by the SCD2 bit of the SCR4 register. The frame sync is
used by the transmitter to synchronize the transfer of data in Asynchronous mode. It is used by
both the receiver and transmitter in Synchronous mode. The frame sync signal can be one-bit, or
one-word in length. The start of the frame sync can occur one-bit before the transfer of data, or
right at the start of the data transfer.
12.3.2.5 ESSI Transmit Data (STD)
The STD signal is used for transmitting data from the TXSR0 serial Transmit Shift Register. STD
is an output pin when data is being transmitted from the TXSR0 Shift Register. The STD pin is
tri-stated after transmitting the last data bit when another data word does not follow immediately.
If a data word follows immediately within a full clock cycle, the STD pin is not tri-stated.
12.3.2.6 ESSI Receive Data (SRD)
The SRD signal receives serial data, then transfers the data to the ESSI Receive Data Shift
Register (RXSR).
12.4 ESSI Block Diagram
The following figure illustrates the ESSI block diagram. It consists of five control registers to
set-up the port, one status register, separate transmit and receive circuits with FIFO registers, and
separate serial clock and frame sync generation for the transmit and receive sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com