Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR8670 Datasheet(PDF) 12 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 12 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
12
45 VBAT_SENSE
NC
Battery charger sense input
46
VBUS
Power supply
Alternative supply via bypass regulator for 1.8V
and 1.35V
Switch mode power supply regulator inputs.
Must be connected to the same potential as
VOUT_3V3.
47 CHG_EXT
NC
External battery charger control
48 +1V8
Open drain output
LED driver
49
3V3_OUT
NC
3.3V bypass linear regulator output
50
GND
Ground
Digital Ground
51
MIC_RN
Analogue in
Microphone input negative, right
52
MIC_RP
Analogue in
Microphone input positive, right
53
MIC_BIAS_B Analogue out
Microphone bias B
54
MIC_BIAS_A Analogue out
Microphone bias A
55
MIC_LN
Analogue in
Microphone input negative, left
56
MIC_LP
Analogue in
Microphone input positive, left
57
AGND
Ground
Analogue Ground
58
SPKR_LN
Analogue out
Speaker output negative, left
59
SPKR_LP
Analogue out
Speaker output positive, left
60
SPKR_RN
Analogue out
Speaker output negative, right
61
SPKR_RP
Analogue out
Speaker output positive, right
62
AIO_0
Bi-directional
Analogue programmable input / output line
63
GND
Ground
Analogue Ground
42
GND
Ground
Digital Ground
43
PWR
Input enable
Regulator enable input.
Can also be sensed as an input.
Regulator enable and multifunction button. A high
input (tolerant to VBAT) enables the on-chip
regulators, which can then be latched on
internally and the button used as a multifunction
input.
44
VBAT
Power supply
Battery positive terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com