Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR8670 Datasheet(PDF) 19 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 19 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 22Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 23Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
19
4.2.13
Audio Output Stage
The output digital circuitry converts the signal from 16-bit per sample, linear PCM of
variable sampling frequency to a 2Mbits/sec multi-bit stream, which is fed into the analogue
output circuitry.
The output circuit comprises a digital to analogue converter with gain setting and output
amplifier. Its class-AB output-stage is capable of driving a signal on both channels of up to
2V
pk-pk-differential into a load of 16 . The output is available as a differential signal
between SPK_R_RP and SPK_R_RN for the left channel; and between SPK_L_LP and
SPK_L_LN for the right channel. The output is capable of driving a speaker directly if its
impedance is at least 8
if only one channel is connected or an external regulator is used.
The gain of the output stage is controlled by a 3-bit programmable resistive divider, which
sets the gain in steps of approximately 3dB.
The multi-bit stream from the digital circuitry is low pass filtered by a second order
bi-quad filter with a pole at 20kHz. The signal is then amplified in the fully differential
output stage, which has a gain bandwidth of typically 1MHz.
4.3
PCM Interface
The audio PCM interface on the BTM8670 supports:
On-chip routing to Kalimba DSP
Continuous transmission and reception of PCM encoded audio data over
Bluetooth.
Processor overhead reduction through hardware support for continual
transmission and reception of PCM data
A bidirectional digital audio interface that routes directly into the baseband
layer of the firmware .It does not pass through the HCI protocol layer.
Hardware on the BTM8670 for sending data to and from a SCO connection.
Up to 3 SCO connections on the PCM interface at any one time.
PCM interface master, generating PCM_SYNC and PCM_CLK.
PCM interface slave, accepting externally generated PCM_SYNC and
PCM_CLK.
Various clock formats including:
Long Frame Sync
Short Frame Sync
GCI timing environments
13-bit or 16-bit linear, 8-bit u-law or A-law compander sample formats.
Receives and transmits on any selection of 3 the first 4 slots following
PCM_SYNC.
The PCM configuration options are enabled by setting the PS Key
PSKEY_PCM_CONFIG32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com