Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR8670 Datasheet(PDF) 24 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 24 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 22Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 23Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 24Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 25Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 26Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 27Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
24
5.3
Input/output Terminal Characteristics
5.3.1
Codec: Analogue to Digital Converter
Analogue to Digital Converter
Parameter
Conditions
Mi
Typ
Max
Uni
Resolution
-
-
-
16
Bits
Input Sample Rate,
F
-
8
-
48
kHz
Fsample
8kHz
-
93
-
dB
16kHz
-
92
-
dB
32kHz
-
92
-
dB
44.1kHz
-
92
-
dB
SNR
fin = 1kHz
B/W = 20Hz Fsample/2
(20kHz
max)
A-Weighted
48kHz
-
92
-
dB
Fsample
8kHz
-
0.004
-
%
THD+N
fin = 1kHz
B/W = 20Hz Fsample/2
(20kHz max)
48kHz
-
0.008
-
%
Digital gain
Digital gain resolution = 1/32
-24
-
21.5
dB
Analogue gain
Pre-amplifier setting = 0dB, 9dB, 21dB or
30dB
Analogue setting = -3dB to 12dB in 3dB
steps
-3
-
42
dB
Stereo separation(crosstalk)
-
-89
-
dB
Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com