Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89C52RC Datasheet(PDF) 18 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 18 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 22Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 165 page
background image
WDT overflow time is shown as the bellowed table when SYSclk=12MHz and MCU in 12T mode:
PS2
PS1
PS0
Pre-scale
WDT overflow Time @12MHz
and 12T mode
0
0
0
2
65.5 mS
0
0
1
4
131.0 mS
0
1
0
8
262.1 mS
0
1
1
16
524.2 mS
1
0
0
32
1.0485 S
1
0
1
64
2.0971 S
1
1
0
128
4.1943 S
1
1
1
256
8.3886 S
WDT overflow time is shown as the bellowed table when SYSclk=11.0592MHz and MCU in 12T mode:
PS2
PS1
PS0
Pre-scale
WDT overflow Time @11.0592MHz
and 12T mode
0
0
0
2
71.1 mS
0
0
1
4
142.2 mS
0
1
0
8
284.4 mS
0
1
1
16
568.8 mS
1
0
0
32
1.1377 S
1
0
1
64
2.2755 S
1
1
0
128
4.5511 S
1
1
1
256
9.1022 S
PS2
PS1
PS0
Pre-scale
WDT overflow Time @20MHz
and 12T mode
0
0
0
2
39.3 mS
0
0
1
4
78.6 mS
0
1
0
8
157.3 mS
0
1
1
16
314.6 mS
1
0
0
32
629.1 mS
1
0
1
64
1.25 S
1
1
0
128
2.5 S
1
1
1
256
5 S
The WDT overflow time is determined by the following equation:
WDT overflow time = (N × Pre-scale × 32768) / SYSclk
When MCU in 12T mode, N=12; When MCU in 6T mode, N=6
The SYSclk=20MHz and MCU in 12T mode in the table above.
If SYSclk=12MHz and MCU in 12T mode, The WDT overflow time is :
WDT overflow time = (12 × Pre-scale × 32768) / 12000000 = Pre-scale× 393216 / 12000000
EN_WDT : Enable WDT bit. When set, WDT is started.
CLR_WDT : WDT clear bit. When set, WDT will recount. Hardware will automatically clear this bit.
IDLE_WDT : WDT IDLE mode bit. When set, WDT is enabled in IDLE mode. When clear, WDT is disabled in
IDLE.
PS2, PS1, PS0 : WDT Pre-scale value set bit.
Pre-scale value of Watchdog timer is shown as the bellowed table :
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com