Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89C52RC Datasheet(PDF) 33 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 33 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 29Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 30Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 37Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 165 page
background image
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
RCAP2H
Timer/Counter 2
Reload/Capture
High Byte
CBH
0000 0000B
TL2
Timer/Counter Low
Byte
CCH
0000 0000B
TH2
Timer/Counter High
Byte
CDH
0000 0000B
PSW
Program Status
Word
D0H
CY
AC
F0
RS1 RS0 OV
F1
P
0000 0000B
ACC
Accumulator
E0H
0000 0000B-
WDT_CONTR
Watch-Dog-Timer
Control Register
E1H
-
-
EN_WDT CLR_WDT IDLE_WDT PS2 PS1 PS0 xx00 0000B
ISP_DATA
ISP/IAP Flash Data
Register
E2H
1111 1111B
ISP_ADDRH
ISP/IAP Flash
Address High
E3H
0000 0000B
ISP_ADDRL
ISP/IAP Flash
Address Low
E4H
0000 0000B
ISP_CMD
ISP/IAP Flash
Command Register
E5H
-----
MS2
MS1
MS0
xxxx x000B
ISP_TRIG
ISP/IAP Flash
Command Trigger
E6H
xxxx xxxxB
ISP_CONTR
ISP/IAP Control
Register
E7H
ISPEN SWBS SWRST
-
- WT2 WT1 WT0 000x x000B
P4
Port 4
E8H
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
1111 1111B
B
B Register
F0H
0000 0000B
Accumulator
ACC is the Accumulator register. The mnemonics for accumulator-specific instructions, however, refer to the
accumulator simply as A.
B-Register
The B register is used during multiply and divide operations. For other instructions it can be treated as another
scratch pad register.
Stack Pointer
The Stack Pointer register is 8 bits wide. It is incrementde before data is stored during PUSH and CALL
executions. While the stack may reside anywhee in on-chip RAM, the Stack Pointer is initialized to 07H after a
reset. This causes the stack to begin at location 08H.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com