Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89C52RC Datasheet(PDF) 34 Page - STCmicro Technology Co,.Ltd

Part # STC89C52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C52RC Datasheet(HTML) 34 Page - STCmicro Technology Co,.Ltd

Back Button STC89C52RC Datasheet HTML 30Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC89C52RC Datasheet HTML 38Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 165 page
background image
Program Status Word(PSW)
The program status word(PSW) contains several status bits that reflect the current state of the CPU. The PSW,
shown below, resides in the SFR space. It contains the Carry bit, the Auxiliary Carry(for BCD operation), the two
register bank select bits, the Overflow flag, a Parity bit and two user-definable status flags.
The Carry bit, other than serving the function of a Carry bit in arithmetic operations, also serves as the
“Accumulator” for a number of Boolean operations.
The bits RS0 and RS1 are used to select one of the four register banks shown in the previous page. A number of
instructions refer to these RAM locations as R0 through R7.
The Parity bit reflects the number of 1s in the Accumulator. P=1 if the Accumulator contains an odd number of 1s
and otherwise P=0.
PSW register
bit
76543210
name
CY
AC
F0
RS1
RS0
OV
F1
P
CY : Carry flag.
AC : Auxilliary Carry Flag.(For BCD operations)
F0 : Flag 0.(Available to the user for general purposes)
RS1: Register bank select control bit 1.
RS0: Register bank select control bit 0.
OV : Overflow flag.
F1 : Flag 1. User-defined flag.
P
: Parity flag.
Data Pointer
The Data Pointer (DPTR) consists of a high byte (DPH) and a low byte (DPL). Its intended function is to hold a
16-bit address. It may be manipulated as a 16-bit register or as two independent 8-bit registers.
For fast data movement, STC89xx series support two data pointers. They share the same SFR address and are
switched by the register bit – DPS/AUXR1.0.
AUXR1 register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
-
-
-
-
GF2
-
-
DPS
GF2 : General purpose user defined flag. It can be used by software.
DPS : DPTR registers select bit.
0 : DPTR0 is selected(Default).
1 : The secondary DPTR(DPTR 1) is switched to use.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com