Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7789V Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7789V
Description  The ST7789V is a single-chip controller/driver for 262K-color
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 308 page
background image
ST7789V
Version 1.0
Page 39 of 308
2013/10
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.3 Power Consumption
Ta=25℃, Frame rate = 60Hz, Registers setting are IC default setting.
Current Consumption
Typical
Maximum
Operation Mode
Image
IDDI
(mA)
IDD
(mA)
IDDI
(mA)
IDD
(mA)
Normal Mode
Black
0.005
6.0
0.01
7.5
Partial + Idle Mode (48 lines)
Black
0.005
5.0
0.01
6.0
Sleep-in Mode
N/A
0.005
0.015
0.01
0.03
Table 3 Power Consumption
Notes:
1. The Current Consumption is DC characteristics of ST7789V.
2. Typical: VDDI=1.8V, VDD=2.75V; Maximum: VDDI=1.65 to 3.3V, VDD=2.4 to 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com