Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7789V Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7789V
Description  The ST7789V is a single-chip controller/driver for 262K-color
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789V Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 308 page
background image
ST7789V
Version 1.0
Page 13 of 308
2013/10
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
-
Dot Inversion
-
Column Inversion
!
Wide Supply Voltage Range
-
≦
I/O Voltage (VDDI to DGND): 1.65V ~ 3.3V (VDDI
VDD)
-
Analog Voltage (VDD to AGND): 2.4V ~ 3.3V
!
On-Chip Power System
-
Source Voltage (VAP (GVDD) to VAN (GVCL)): +6.4~-4.6V
-
VCOM level: GND
-
Gate driver HIGH level (VGH to AGND): +12.2V ~ +14.97V
-
Gate driver LOW level (VGL to AGND): -12.5V ~ -7.16V
!
Optimized layout for COG Assembly
!
Operate temperature range: −30℃ to +85℃
!
Lower Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com