Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 47 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 47 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 43Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 44Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 45Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 46Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 47Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 48Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 49Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 50Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 51Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 274 page
background image
M031/M032
Feb 25, 2019
Page 47 of 274
Rev. 1.01
20
Pin
28
Pin
32
Pin
48
Pin
64
Pin
Pin Name
Type
MFP
Description
EBI_nRD
O
MFP2
EBI read enable output pin.
USCI0_CLK
I/O
MFP6
USCI0 clock pin.
TM0_EXT
I/O
MFP13
Timer0 external capture input/toggle output pin.
8
8
9
9
PA.10
I/O
MFP0
General purpose digital I/O pin.
ACMP1_P0
A
MFP1
Analog comparator 1 positive input 0 pin.
EBI_nWR
O
MFP2
EBI write enable output pin.
USCI0_DAT0
I/O
MFP6
USCI0 data 0 pin.
TM1_EXT
I/O
MFP13
Timer1 external capture input/toggle output pin.
9
9
10
10
PA.9
I/O
MFP0
General purpose digital I/O pin.
EBI_MCLK
O
MFP2
EBI external clock output pin.
USCI0_DAT1
I/O
MFP6
USCI0 data 1 pin.
UART1_TXD
O
MFP7
UART1 data transmitter output pin.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
10
10
11
11
PA.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ALE
O
MFP2
EBI address latch enable output pin.
USCI0_CTL1
I/O
MFP6
USCI0 control 1 pin.
UART1_RXD
I
MFP7
UART1 data receiver input pin.
TM3_EXT
I/O
MFP13
Timer3 external capture input/toggle output pin.
INT4
I
MFP15
External interrupt 4 input pin.
12
12
PF.6
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR19
O
MFP2
EBI address bus bit 19.
SPI0_MOSI
I/O
MFP5
SPI0 MOSI (Master Out, Slave In) pin.
EBI_nCS0
O
MFP7
EBI chip select 0 output pin.
13
13
PF.14
I/O
MFP0
General purpose digital I/O pin.
PWM1_BRAKE0
I
MFP9
PWM1 Brake 0 input pin.
PWM0_BRAKE0
I
MFP10
PWM0 Brake 0 input pin.
PWM0_CH4
I/O
MFP12
PWM0 channel 4 output/capture input.
CLKO
O
MFP13
Clock Out
TM3
I/O
MFP14
Timer3 event counter input/toggle output pin.
INT5
I
MFP15
External interrupt 5 input pin.
7
11
11
14
14
PF.5
I/O
MFP0
General purpose digital I/O pin.
UART2_RXD
I
MFP2
UART2 data receiver input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com